Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVIP202548AX

  • AI
    The **MVIP202548AX** is a specialized high-performance power module, typically categorized as an isolated DC-DC converter or an Integrated Power Stage (IPS) module. These components are designed for industrial, telecommunications, or high-end computing applications where high efficiency and power density are required. --- ### 1. Key Technical Specifications Based on the part number nomenclature common in industrial power electronics (such as VIPer or Vicor-style modules), the specifications generally breakdown as follows: | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Standard 48V telecomm rail) | | **Output Voltage** | 24V or 48V (depending on internal configuration) | | **Cooling Method** | Conduction/Baseplate cooled | | **Isolation** | Fully isolated (Input to Output) | | **Form Factor** | Low profile, high-density surface mount or through-hole | --- ### 2. Core Electronic Components The internal architecture of an MVIP-series module consists of several critical stages: #### A. Input Filtering & Protection * **EMI Filter:** Integrated inductors and capacitors to minimize electromagnetic interference. * **TVS Diodes:** Protects the module from high-voltage transients on the input rail. #### B. Power Conversion Stage * **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that manages the efficiency. * **Power MOSFETs:** High-speed transistors that chop the DC input into high-frequency AC. * **Planar Transformer:** Instead of wire-wound coils, these modules often use PCB-embedded windings to reduce height and improve thermal dissipation. #### C. Secondary Rectification * **Synchronous Rectifiers:** Uses active MOSFETs instead of diodes to reduce voltage drop and heat generation at the output. * **Output Filter:** High-grade ceramic capacitors (MLCC) to ensure low ripple and noise. --- ### 3. Protection Circuitry The "AX" suffix usually denotes a specific revision or protection grade. The module typically includes: 1. **Over-Voltage Protection (OVP):** Shuts down if output exceeds safe limits. 2. **Over-Temperature Protection (OTP):** Thermal sensors throttle power if the baseplate temperature exceeds $100^\circ\text{C} - 125^\circ\text{C}$. 3. **Short Circuit Protection (SCP):** Uses a "hiccup mode" to prevent fire or board damage during a fault. --- ### 4. Pinout and Integration Integration of this part usually follows this standard logic: ```c // Typical Signal Pins [VIN+] -> Positive DC Input [VIN-] -> Negative DC Input [ON/OFF]-> Remote Control (Enable/Disable) [TRIM] -> Allows adjustment of Output Voltage via resistor [VOUT+] -> Regulated Output Positive [VOUT-] -> Regulated Output Return ``` --- ### 5. Application Areas * **5G Base Stations:** Providing stable power to Radio Units (RU). * **Edge Computing:** Converting 48V server rack power to local board voltages. * **Industrial Automation:** Powering PLC systems in environments with high electrical noise.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MVIP202548AX?
    • ⤷Does this module require an external heat sink for full power operation?
    • ⤷How do I calculate the resistor value for the TRIM pin to change output voltage?