Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVP13Z2AD-R

  • AI
    The **MVP13Z2AD-R** is a high-performance, high-reliability magnetic component, specifically a **Molded Power Inductor**. These parts are commonly used in automotive electronics, high-efficiency power supplies, and industrial applications due to their robust construction and thermal stability. --- ### 1. Key Technical Specifications Below are the typical characteristics associated with the MVP13Z2 series: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 2.2 µH (Standard for '2AD' suffix, though verify with datasheet) | | **Tolerance** | ±20% (M) | | **DCR (DC Resistance)** | Very Low (mΩ range) | | **Current Rating (Irms)** | High Current (Typically 15A - 30A depending on size) | | **Operating Temp** | -55°C to +155°C (AEC-Q200 Grade) | | **Shielding** | Magnetically Shielded (Molded) | --- ### 2. Core Features & Construction The "MVP" series by manufacturers like Eaton (Bussmann) or similar high-end brands utilizes specific technologies: * **Molded Construction:** The coil is encapsulated in a metal powder iron core. This eliminates the "buzz" noise (acoustic noise) found in traditional wire-wound inductors. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when current increases, these parts have a gradual saturation curve, allowing for better handling of peak current spikes. * **AEC-Q200 Qualified:** The "Z" in the part number often indicates automotive-grade testing, meaning it can withstand high vibration and extreme temperature cycles. --- ### 3. Application Use-Cases This component is designed for **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. Specific uses include: 1. **Automotive Systems:** ADAS sensors, infotainment units, and engine control units (ECUs). 2. **Industrial Power:** High-density power supplies and battery-operated tools. 3. **Computing:** Multi-phase regulators for CPUs and GPUs where space is limited but current demand is high. --- ### 4. Comparison: Molded vs. Ferrite Inductors | Feature | Molded Inductor (MVP13Z2) | Traditional Ferrite | | :--- | :--- | :--- | | **Acoustic Noise** | Ultra-Low (Solid body) | Can be audible | | **Saturation** | Soft (Gradual) | Hard (Sharp drop) | | **EMI Shielding** | Excellent | Moderate | | **Footprint** | Smaller for same current | Larger | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the MVP13Z2AD-R?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the physical dimensions of the 13Z2 package size?