Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVP14Z2BD-R

  • AI
    The **MVP14Z2BD-R** is a specific model within a series of **Power Inductors**, typically manufactured by companies like **Delta Electronics**. These components are designed for high-current applications, particularly in voltage regulator modules (VRMs) for servers, workstations, and high-performance computing. --- ### 1. Component Specification Overview The following table outlines the typical technical parameters for the MVP series high-current inductors: | Feature | Specification | | :--- | :--- | | **Type** | High Current, Low Profile Power Inductor | | **Inductance Value** | Usually in the range of 100nH to 200nH (Model specific) | | **Saturation Current ($I_{sat}$)** | Very High (typically 50A - 100A+) | | **DC Resistance (DCR)** | Ultra-low (often < 0.5 $m\Omega$) | | **Material** | Composite Magnetic Powder / Ferrite Core | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Breakdown of the Part Numbering While proprietary to the manufacturer, the code generally breaks down as follows: * **MVP**: Series identifier (High-current power inductors). * **14**: Physical dimensions (Length/Width code, e.g., 14mm). * **Z**: Material or Core type designation. * **2BD**: Specific electrical characteristics or revision code. * **-R**: RoHS Compliant / Lead-Free. --- ### 3. Key Electronic Functions These parts serve three primary roles in an electronic circuit: #### A. Energy Storage In a Buck Converter (DC-DC step-down), the inductor stores energy in its magnetic field during the "ON" cycle of the switching transistor and releases it to the load during the "OFF" cycle. #### B. Current Smoothing (Filtering) The inductor resists sudden changes in current. In high-speed CPU power delivery, it converts the "choppy" pulse-width modulated (PWM) signal into a smooth, steady DC current. #### C. Handling High Transient Loads The "Z" and "BD" variants are often optimized for **Transient Response**. When a CPU suddenly jumps from idle to full load, the inductor must allow current to ramp up quickly without saturating (losing its inductive properties). --- ### 4. Typical Applications * **Server VRMs:** Multiphase power stages for high-core-count processors. * **Graphics Cards (GPU):** Powering high-wattage video memory and cores. * **ASIC Powering:** Used in cryptocurrency mining hardware or AI accelerators. * **Telecom:** High-density power modules. --- ### 5. Mechanical Characteristics * **Construction:** Often utilizes a "molded" construction where the coil is embedded in a magnetic metal powder. This reduces "coil whine" (acoustic noise) and provides excellent thermal stability. * **Footprint:** Optimized for space-constrained boards where high current density is required.
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and DCR values for the MVP14Z2BD-R variant?
    • ⤷ How does this inductor compare to a standard ferrite core inductor in terms of saturation?
    • ⤷ What is the recommended soldering profile for this SMD component?