Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MW2T-R010

  • AI
    The **MW2T-R010** is a specialized precision electronic component, typically categorized as a **Surface Mount (SMD) Power Shunt Resistor** or a **Current Sense Resistor**. It is designed to measure current flow by monitoring the voltage drop across its resistive element. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature used by manufacturers like *KOA Speer* or *Isabellenhütte*. Below is a breakdown of its primary electronic characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" suffix indicates 10 milli-ohms. | | **Tolerance** | ±1% or ±5% | Precision level of the resistance value. | | **Power Rating** | 1W - 2W | Maximum power dissipation capacity (depending on footprint). | | **Package Size** | 2512 / 1206 | Often found in larger SMD packages to handle heat. | | **Temperature Coefficient** | ±50 to ±100 ppm/°C | Stability of resistance across temperature changes. | --- ### 2. Physical Construction The MW2T series is generally built using a **Metal Plate** or **Metal Alloy** construction rather than thick film. This provides several electronic advantages: * **Low Inductance:** Ideal for high-frequency switching applications. * **High Pulse Capability:** Can withstand short-duration high-current surges without failing. * **Thermal Management:** The metal element is bonded to a ceramic substrate or molded in a flame-retardant resin to dissipate heat efficiently. --- ### 3. Application and Usage This component is used in "Kelvin Connection" or "4-Terminal" sensing circuits to ensure accuracy. #### Typical Circuit Roles: 1. **Overcurrent Protection:** Detecting if a motor or power supply is drawing too much current. 2. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion cells. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. --- ### 4. Schematic Representation In a standard circuit, the resistor is placed in series with the load: ```text [Power Source] ----+----[MW2T-R010]----+---- [Load] ---- [GND] | | +--[Sensing Pins]---+ | [Current Sense Amp/MCU] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for a 10mΩ resistor at 2 Watts?
    • ⤷ What are the advantages of metal plate resistors over thick film resistors?
    • ⤷ How do I calculate the voltage drop across the MW2T-R010 at 5 Amps?