Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MW2X-R01

  • AI
    The **MW2X-R01** is a high-performance **2D CMOS Barcode Scanning Module** designed for integration into OEM devices such as kiosks, medical equipment, and mobile terminals. It is known for its compact form factor and "snappy" decoding capabilities. --- ## 1. Core Hardware Components The electronic architecture of the MW2X-R01 consists of three primary subsystems: | Component | Description | | :--- | :--- | | **Image Sensor** | A high-resolution CMOS sensor (typically 640x480 or 1280x800 depending on the specific revision) used to capture image data. | | **Processor (SoC)** | An integrated ARM-based processor that runs the decoding algorithms and manages peripheral communication. | | **Illumination System** | Includes red LEDs for surface lighting and a green/red LED or laser aimer for targeting assistance. | | **Memory** | Internal RAM and Flash memory used to store firmware and configuration settings. | --- ## 2. Electrical Specifications To integrate the MW2X-R01, electronics engineers must adhere to the following power and interface parameters: ### Power Management * **Operating Voltage:** 3.3V DC (±5%). * **Current Consumption:** * **Operating:** ~150mA to 200mA. * **Standby:** < 1mA (Low power mode). * **Sleep:** ~50µA. ### Interface Connectivity The module typically uses a **12-pin FFC/FPC (Flexible Flat Cable)** connector. The pinout supports the following protocols: 1. **TTL-232:** For standard serial communication with microcontrollers. 2. **USB (HID/VCP):** Allows the module to act as a keyboard wedge or a virtual COM port. --- ## 3. Notable Electronic Features The MW2X-R01 is designed with "smart" electronic features to improve reliability: * **Adaptive Illumination:** The electronics automatically adjust the brightness of the LEDs based on the ambient light detected by the sensor to prevent overexposure on reflective surfaces. * **Trigger Mechanism:** Supports both hardware-level triggers (pulling a pin low) and software-level triggers (sending a serial command). * **Beeper/Good-Read Output:** Provides a digital output signal (3.3V) that can drive an external buzzer or LED to indicate a successful scan. --- ## 4. Decoding Capabilities The electronics are optimized to decode the following symbologies: * **1D:** EAN-13, EAN-8, UPC-A, Code 39, Code 128, etc. * **2D:** QR Code, Data Matrix, PDF417, Aztec Code. * **Screen Scanning:** Specifically tuned to read codes from LCD/OLED smartphone screens by managing back-light glare.
    ✨ Follow-up Questions
    • ⤷What is the exact 12-pin FPC pinout for the MW2X-R01?
    • ⤷ Does this model support 5V input
    • ⤷ or is it strictly limited to 3.3V?
    • ⤷ Which firmware commands are used to toggle the illumination LEDs?