Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MX2K10RE-R52

  • AI
    The **MX2K10RE-R52** is a specific hardware component for the Juniper Networks MX2000 Series (MX2010 and MX2020) 3D Universal Edge Routers. It is a **Routing Engine (RE)**, which serves as the "brain" of the chassis, managing the control plane and system operations. --- ### 1. Technical Specifications The "R52" designation typically refers to a revision or specific memory/processor configuration. Below are the core electronic characteristics: | Component | Specification (Standard R52) | | :--- | :--- | | **Processor** | Intel 10-Core Processor | | **System Memory (RAM)** | 64 GB or 128 GB (Configuration dependent) | | **Storage (SSD)** | Dual Solid State Drives (for OS and logging) | | **Interface Ports** | 2x 10GbE SFP+, 1x Console, 1x Management Ethernet | | **Form Factor** | High-performance pluggable module | --- ### 2. Functional Electronic Subsystems The electronic architecture of the MX2K10RE-R52 is divided into several key functional blocks: #### A. Control Plane Processor The heart of the module is a high-performance multi-core CPU. Unlike Line Cards (which handle data forwarding), the RE handles: * Running the Junos OS. * Routing protocol updates (BGP, OSPF, IS-IS). * Chassis management and environmental monitoring. #### B. Storage & Redundancy * **Dual SSDs:** Provides a primary and secondary boot environment. This ensures that if one storage unit fails, the system can still boot and operate. * **Redundancy Support:** In an MX2010/MX2020 chassis, two REs are usually installed. The electronic backplane allows for "Graceful Routing Engine Switchover" (GRES), where the backup RE takes control instantly if the primary fails. #### C. Connectivity & I/O * **External Ports:** Provides the physical interfaces for network administrators to connect to the router via CLI or management software. * **PCIe Bus:** High-speed internal bus used to communicate with the **Control Board (CB)**, which interfaces with the Switch Fabric and Line Cards. --- ### 3. Key Features of the MX2K-RE 1. **High Scale:** Designed to handle millions of routes and thousands of logical interfaces. 2. **Precision Timing:** Includes electronics for clock synchronization (Stratum 3) to support mobile backhaul and time-sensitive applications. 3. **Hot-Swappable:** The circuitry is designed to be inserted or removed while the system is powered, provided a redundant RE is active. --- ### 4. Comparison Table: RE vs. Line Card | Feature | Routing Engine (RE) | Line Card (MPC) | | :--- | :--- | :--- | | **Primary Task** | Control & Management | Packet Forwarding | | **Key Electronic** | Intel x86 CPU | Network Processing Unit (ASIC) | | **Memory Type** | System DRAM | Packet Buffer Memory (HMC/DDR) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MX2K-RE-S and the R52 variant?
    • ⤷ How does the Routing Engine communicate with the Switch Fabric?
    • ⤷ What are the power requirements for an MX2K10RE-R52 module?