Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXAB-S2Z1-R3

  • AI
    The **MXAB-S2Z1-R3** refers to a specific variation of the **Cherry MX Low Profile Speed (Silver)** mechanical keyboard switch. This component is an electromechanical switch designed for high-performance input devices. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the MXAB-S2Z1-R3: | Parameter | Specification | |:---|:---| | **Switch Type** | Mechanical (Low Profile) | | **Switch Style** | Linear (Smooth, no tactile bump) | | **Actuation Force** | 45 cN (approx. 45g) | | **Pre-travel** | 1.0 mm (Ultra-fast actuation) | | **Total Travel** | 3.2 mm | | **Durability** | > 100 million keystrokes | | **Contact Material** | Gold-Crosspoint technology | | **Mounting Type** | SMT (Surface Mount Technology) / Soldered | --- ### 2. Key Electronic Features #### Gold-Crosspoint Technology The core electronic advantage of this part is the **Gold-Crosspoint** contact system. Unlike standard metal contacts that can corrode or oxidize over time, gold contacts provide: * **Low Contact Resistance:** Ensures clear signal transmission. * **High Reliability:** Essential for the "Speed" rating where debounce times must be minimized. * **Longevity:** Maintains electrical integrity over millions of cycles. #### Low Profile Design The "Low Profile" designation means the physical housing is roughly **35% shorter** than standard Cherry MX switches. This allows engineers to design thinner keyboards (laptops or slim desktops) while maintaining the mechanical feel. #### LED Compatibility The housing of the R3 variant is typically designed with transparent or semi-transparent materials to allow for **SMD (Surface Mount Device) LEDs** located on the PCB to shine through the switch, supporting per-key RGB lighting. --- ### 3. Application Context The MXAB-S2Z1-R3 is predominantly used in the following scenarios: * **Gaming Keyboards:** The 1.0mm pre-travel is optimized for rapid-fire inputs. * **Industrial Input:** Used where high durability and low-profile form factors are required. * **High-End Laptops:** Integrated into mechanical laptop keyboards (e.g., Alienware or MSI high-end series). ---
    ✨ Follow-up Questions
    • ⤷ How does the Gold-Crosspoint contact system prevent signal bouncing?
    • ⤷ What are the footprint requirements for soldering this switch onto a PCB?
    • ⤷ Is the MXAB-S2Z1-R3 compatible with standard MX keycaps?