Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXF-S1Z1-R

  • AI
    The **MXF-S1Z1-R** is a specific part number typically associated with high-performance **Magnetic Proximity Sensors** or **Reed Switches**, often used in industrial automation for position sensing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This component is designed to detect the presence of a magnetic field to open or close an electrical circuit. | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Switching Voltage** | Up to 200V DC / 140V AC | | **Switching Current** | 0.5A (Maximum) | | **Contact Rating** | 10W / 10VA | | **Operating Temperature** | -40°C to +125°C | | **Housing Material** | Glass-reinforced Plastic or Stainless Steel | | **Connection Type** | Lead wires or Connectorized | --- ### 2. Core Electronic Components The device functions through a combination of mechanical and electromagnetic principles: * **Ferromagnetic Reeds:** Two thin metal blades (usually a nickel-iron alloy) hermetically sealed in a glass envelope. * **Contact Plating:** The tips are usually plated with **Rhodium** or **Ruthenium** to ensure low contact resistance and long life cycles (often rated for millions of operations). * **Sealing Gas:** The glass tube is filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts during arcing. --- ### 3. Working Principle The MXF-S1Z1-R operates without physical contact, making it highly durable: 1. **Rest State:** In the absence of a magnetic field, the reeds remain separated (Normally Open). 2. **Activation:** When a permanent magnet or electromagnet approaches the sensor, the magnetic flux flows through the reeds. 3. **Closure:** The induced magnetic poles cause the reeds to attract each other and touch, completing the electrical circuit. 4. **Release:** Once the magnet is removed, the mechanical spring tension of the reeds causes them to snap back to the open position. --- ### 4. Application Use-Cases * **Security Systems:** Detecting if doors or windows are closed. * **Industrial Automation:** Limit switching for pneumatic cylinders. * **Automotive:** Fluid level sensing (using a float with an internal magnet). * **Consumer Electronics:** Detecting the lid closure on a laptop.
    ✨ Follow-up Questions
    • ⤷ What are the mounting requirements for the MXF-S1Z1-R?
    • ⤷ How does magnetic interference affect the sensitivity of this sensor?
    • ⤷ Is there a 'Normally Closed' version of this specific model?