Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXF-S2Z1-R

  • AI
    The **MXF-S2Z1-R** is a specific part number typically associated with the **Molex** brand, specifically within their **MX150L** industrial and automotive connector series. This series is designed for rugged, sealed environments. --- ### 1. General Specifications The MXF-S2Z1-R is a high-performance connector component designed to meet the demands of power and signal transmission in harsh conditions. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Molex (typically) | | **Series** | MX150L Industrial Sealed Connector System | | **Product Type** | Female Terminal / Receptacle Housing Component | | **Ingress Protection** | IP67 (when mated) | | **Wire Gauge Compatibility** | Usually 14-22 AWG (depending on specific terminal) | | **Current Rating** | Up to 18.0A - 22.0A | --- ### 2. Key Design Characteristics The "MXF" designation often refers to the **sealed receptacle** architecture. Below are the primary electronic and mechanical attributes: * **Integrated Seals:** These parts feature pre-assembled mat-wire seals and interface seals. This eliminates the need for individual wire seals, reducing labor and complexity. * **Terminal Retention:** Uses a high-force locking mechanism to ensure that terminals stay seated even under high vibration (common in automotive or marine applications). * **Environmental Resistance:** The materials are chosen to resist common automotive fluids, UV exposure, and wide temperature swings (typically -40°C to +125°C). --- ### 3. Common Applications Due to its ruggedized nature, this part is used in sectors where moisture and dust ingress would cause standard connectors to fail: 1. **Industrial Equipment:** Control panels and heavy machinery sensors. 2. **Marine Electronics:** Wiring harnesses for boats and jet skis. 3. **Off-Road Vehicles:** ATVs, UTVs, and agricultural equipment. 4. **Commercial Vehicles:** Lighting systems and chassis wiring for trucks/trailers. --- ### 4. Technical Drawing Overview If you are looking for the pin-out or assembly instructions, please note the following: * **Mating Parts:** This female component must be paired with the corresponding **MX150L Male Plug**. * **Crimp Tooling:** Precise crimp height is required to maintain the IP67 seal integrity. Use of official Molex hand tools or applicators is recommended.
    ✨ Follow-up Questions
    • ⤷What is the exact wire gauge range for the MXF-S2Z1-R?
    • ⤷ Is the MXF-S2Z1-R RoHS compliant?
    • ⤷ What are the compatible male mating parts for this series?