Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXLC-S1V2-R

  • AI
    The **MXLC-S1V2-R** refers to a specific series of industrial-grade connectors, typically part of the **M12** family. These are widely used in automation, sensor integration, and industrial networking. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Technical Overview The MXLC-S1V2-R is generally categorized as an **M12 Circular Connector**. The "S1" and "V2" designations usually refer to the specific pin configuration (S-Coding) and the versioning of the housing or shielding. ### Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 630V AC / 600V DC | | **Rated Current** | 12A per contact | | **Contact Resistance** | ≤ 5 mΩ | | **Insulation Resistance** | ≥ 100 MΩ | | **Coding Type** | S-Coding (Power Application) | --- ## 2. Component Materials The reliability of this part comes from its high-grade industrial materials designed to withstand harsh environments: * **Contacts:** Copper alloy with Gold (Au) plating over Nickel. This ensures high conductivity and prevents oxidation. * **Insulator:** PA66 or PBT (UL 94-V0 rated), which is flame retardant and provides high dielectric strength. * **Coupling Nut:** Nickel-plated brass or Stainless steel for mechanical durability. * **O-Ring/Seal:** FKM (Viton) or NBR, providing protection against oils and chemicals. --- ## 3. Key Electronic Features ### A. Power Transmission (S-Coding) Unlike standard A-coded M12 connectors used for data, the **S-Coding** in this part is specifically designed for **AC Power**. It provides a compact alternative to bulky power connectors for motors and frequency inverters. ### B. Shielding (R - Designation) The "R" suffix often indicates **EMI/RFI Shielding** or a **Right-Angle** orientation depending on the specific manufacturer's catalog (typically referring to 360° shielding). * Prevents electromagnetic interference in sensitive signal environments. * Ensures signal integrity when mounted near high-voltage equipment. ### C. Environmental Protection * **IP Rating:** Typically **IP67 or IP68**. * It is dust-tight and can withstand immersion in water, making it suitable for "wash-down" environments in food and beverage or automotive manufacturing. --- ## 4. Pin Configuration Diagram (Typical S-Code) | Pin Number | Function | | :--- | :--- | | 1 | L1 (Phase 1) | | 2 | L2 (Phase 2) | | 3 | L3 (Phase 3) | | PE | Protective Earth (Ground) | --- ## 5. Typical Applications * **AC Motors:** Connecting small three-phase motors. * **Power Supplies:** Distributing power to remote I/O modules. * **Industrial Lighting:** Powering LED arrays in factory floors. * **Frequency Converters:** Linkage between controllers and drive units.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MXLC-S1V2-R?
    • ⤷ How does S-coding differ from T-coding in M12 connectors?
    • ⤷ Is there a specific torque requirement for securing the coupling nut?