Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXLCF-S1Z1-R

  • AI
    The **MXLCF-S1Z1-R** is a specialized high-performance connector part, typically associated with high-speed data transmission and coaxial connections. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is part of a series often used in automotive and industrial electronics, specifically designed for **Fakra** or **HSD (High-Speed Data)** applications. These connectors are engineered to handle high frequencies while maintaining signal integrity in harsh environments. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | High-Speed Data (HSD) / LVDS Connector | | **Configuration** | Quad-core (4-pin) or Coaxial depending on specific housing | | **Orientation** | Right-Angle (R designation usually implies Right-Angle) | | **Impedance** | 100 Ohms (Standard for HSD/Differential signaling) | | **Frequency Range** | DC to 6 GHz (Application dependent) | | **Mounting Type** | Through-hole or SMT (PCB Mount) | ### 3. Key Electronic Characteristics * **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI). The "S1Z1" coding often refers to the specific mechanical keying (Type Z) which is universal and fits all other keying codes. * **Shielding:** Features a robust metallic shield to ensure 360° EMI protection, which is critical for LVDS (Low-Voltage Differential Signaling) used in vehicle cameras and infotainment displays. * **Durability:** Built to withstand high-vibration environments, typically meeting automotive standards (like USCAR). ### 4. Application Areas 1. **Automotive:** LVDS camera systems, Infotainment head units, and digital instrument clusters. 2. **Industrial:** High-speed machine vision and automated sensory data transmission. 3. **Consumer Tech:** High-end display interfaces requiring secure, locking connections. ### 5. Pinout Example (Standard HSD) ```json { "Pin 1": "Signal + (Pair A)", "Pin 2": "Signal - (Pair A)", "Pin 3": "Signal + (Pair B)", "Pin 4": "Signal - (Pair B)", "Shield": "GND / Outer Case" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Type Z and other keying codes for this connector?
    • ⤷ Which PCB footprint is recommended for the MXLCF-S1Z1-R?
    • ⤷ What are the maximum current and voltage ratings for this component?