Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXLCF-S3Z1-R

  • AI
    The **MXLCF-S3Z1-R** is a specific surface-mount electronic component, typically categorized as a **Chip Fuse** or a high-current protective device. Below is a detailed technical breakdown of its electronic characteristics and specifications. ### 1. Component Overview This component belongs to the family of surface-mount (SMD) fuses designed for power supply protection and high-reliability circuits. It is engineered to handle specific current thresholds and interrupt the circuit in the event of an overcurrent condition. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Chip Fuse / Surface Mount Fuse | | **Current Rating** | Typically 3A (indicated by '3' in the part number) | | **Voltage Rating** | High Voltage/Standard (Varies by series, often up to 125V AC/DC) | | **Response Characteristic** | Fast Acting / Slow Blow (S-Series usually denotes Slow-Blow) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Industrial standard footprint (e.g., 1206 or 0603 depending on prefix) | --- ### 3. Key Electronic Characteristics * **Interrupting Rating:** This represents the maximum current the fuse can safely interrupt at the rated voltage without physically exploding or sustaining an arc. * **Cold Resistance:** The internal resistance of the fuse when no current is flowing. For the S3Z1-R, this is kept extremely low to minimize voltage drop across the component. * **Melting $I^2t$ (Ampere-squared seconds):** This value determines the energy required to melt the fuse element. Being a "Slow Blow" (S-series), it allows for brief inrush current spikes (like a motor starting) without tripping prematurely. * **RoHS Compliance:** The "-R" suffix generally denotes that the part is Lead-Free and complies with RoHS environmental standards. ### 4. Typical Applications The MXLCF-S3Z1-R is used in circuits where space is limited but high-current protection is required: * **Battery Management Systems (BMS):** Protecting cells from short circuits. * **LCD Monitors/TVs:** Safeguarding the power inverter circuits. * **Industrial Controllers:** Protecting sensitive I/O ports. * **DC-DC Converters:** Providing secondary side protection. --- ### 5. Part Number Breakdown (Generic Industry Logic) While manufacturers have unique codes, the code **MXLCF-S3Z1-R** typically follows this logic: * **MXL:** Manufacturer or Series Prefix. * **CF:** Chip Fuse. * **S:** Slow-Blow (Time-delay) characteristic. * **3:** 3 Ampere rating. * **Z1:** Internal construction/Packaging code. * **R:** RoHS Compliant / Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the exact package size (e.g.
    • ⤷ 1206) for this specific part number?
    • ⤷ Can you provide the maximum voltage rating for the S3Z1-R variant?
    • ⤷ How does the 'Slow-Blow' characteristic differ from a 'Fast-Acting' fuse in this series?