Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXMS-Z1-R

  • AI
    The **MXMS-Z1-R** is a specific electronic component typically associated with high-density interconnect systems, specifically a **Micro-Coaxial Connector** (often part of the MXMS series by manufacturers like Hirose or similar specialists). Below is a breakdown of its electronic and physical specifications. --- ## 1. Technical Specifications This component is designed for high-speed signal transmission in space-constrained environments. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Micro-Coaxial Connector (Plug/Socket) | | **Pitch** | Ultra-fine pitch (usually 0.4mm or 0.5mm) | | **Configuration** | Vertical or Right-Angle SMT (Surface Mount Technology) | | **Data Rates** | Optimized for high-speed LVDS, eDP (Embedded DisplayPort), or MIPI | | **Shielding** | Full metallic EMI/RFI shielding | | **Mating Height** | Low profile (often < 2.0mm) | --- ## 2. Key Electronic Features ### A. EMI Protection The "Z" in the series often denotes an enhanced grounding or shielding design. The outer metal shell connects to the PCB ground plane at multiple points to prevent electromagnetic interference, which is critical for sensitive wireless devices. ### B. Signal Integrity The internal contact structure is designed to maintain a consistent impedance (usually 50Ω or 100Ω differential), minimizing signal reflection and crosstalk at high frequencies. ### C. Mechanical Durability * **Tactile Click:** Features a positive locking mechanism to ensure the cable is fully seated. * **Strain Relief:** Designed to withstand vibration and slight cable pulling without disconnecting the signal path. --- ## 3. Common Applications These parts are almost exclusively found in high-end consumer electronics where internal space is at a premium: * **Smartphones:** Connecting the mainboard to the display or camera modules. * **Laptops/Tablets:** Internal routing for Wi-Fi antennas or high-resolution LCD panels. * **Medical Devices:** Small-scale imaging equipment (ultrasound probes). * **Drones:** Routing video signals from the gimbal camera to the flight controller. --- ## 4. Soldering & Assembly ```markdown - **Type:** SMT (Surface Mount Technology) - **Reflow:** Compatible with Lead-Free solder profiles. - **Handling:** Requires automated Pick-and-Place due to the extremely small footprint. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the MXMS-Z1-R variant?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended landing pattern dimensions for this PCB component?