Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MXMS-Z1-R/Q

  • AI
    The **MXMS-Z1-R/Q** is a specific surface-mount component, typically classified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, often utilized in automotive and high-reliability industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Overview The part belongs to the **MXMS series**, which are high-performance diodes designed for voltage regulation or protection against electrostatic discharge (ESD) and voltage surges. | Attribute | Specification | | :--- | :--- | | **Component Type** | Zener Diode / TVS Diode | | **Package Type** | Surface Mount (SMD) - typically SOD or SOT variant | | **Configuration** | Single or Dual (depending on specific R/Q suffix) | | **Compliance** | Often AEC-Q101 qualified (Automotive Grade) | --- ### 2. Key Technical Parameters While exact values can vary slightly by manufacturer (such as Microsemi or Vishay), the general parameters for this series are as follows: * **Zener Voltage ($V_z$):** Usually nominal values ranging from 3.3V to 100V (The "Z1" specifically points to a specific voltage bin). * **Power Dissipation ($P_d$):** Designed to handle transient pulses; standard steady-state dissipation is often between **500mW to 1.5W**. * **Reverse Leakage Current ($I_r$):** Extremely low, ensuring minimal power loss during normal operation. * **Operating Temperature:** Wide range, typically **-65°C to +175°C**. --- ### 3. Suffix Meanings (R/Q) In electronic part numbering, these suffixes often denote specific testing or packaging standards: * **-R:** Generally indicates **Tape and Reel** packaging for automated pick-and-place assembly. * **-Q:** Frequently denotes **Automotive Grade** qualification (AEC-Q), meaning the part has undergone rigorous stress testing for vibration, thermal shock, and moisture resistance. --- ### 4. Common Applications Due to its robust construction, the MXMS-Z1 series is found in: 1. **Voltage Clamping:** Protecting sensitive integrated circuits (ICs) from voltage spikes. 2. **Automotive ECU Protection:** Safeguarding Engine Control Units from "load dump" scenarios. 3. **Power Supply Regulation:** Maintaining a constant voltage level in feedback loops. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Zener voltage for the Z1 variant of this series?
    • ⤷ How does AEC-Q101 qualification differ from standard industrial grading?
    • ⤷ Can this part be used for bidirectional surge protection?