Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MZS-160-R

  • AI
    The **MZS-160-R** is a specific model of a **magnetic latching relay** (often referred to as a bistable relay). These components are primarily used in smart meters, lighting controls, and power distribution systems where high current switching and energy efficiency are required. --- ### 1. Key Technical Specifications The "160" in the model name typically refers to its maximum switching current capacity (160 Amperes). | Parameter | Specification (Typical) | | :--- | :--- | | **Relay Type** | Magnetic Latching | | **Max Switching Current** | 160A | | **Nominal Voltage** | 250VAC | | **Contact Arrangement** | 1A (Single Pole Single Throw - Normally Open) | | **Coil Voltage** | Usually 9VDC or 12VDC (Pulse driven) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | --- ### 2. Operating Principle: Magnetic Latching Unlike a standard electromagnetic relay, the MZS-160-R does not require constant power to stay in the "ON" or "OFF" position. 1. **Pulse Actuation:** A short voltage pulse is sent to the coil to move the contacts. 2. **Permanent Magnet:** Once the contacts move, a permanent magnet inside the housing holds the armature in place. 3. **Energy Efficiency:** Because no current is needed to maintain the state, the relay does not generate heat in the coil during long-term operation. 4. **Resetting:** To switch back, a pulse of the opposite polarity is sent to the coil. --- ### 3. Internal Components The MZS-160-R consists of several critical electronic and mechanical parts: * **Heavy Duty Terminals:** Thick copper or brass lugs designed to handle 160A without melting. * **The Coil:** A copper winding that creates the momentary magnetic field. In "R" (Dual Coil) versions, there are separate pins for "Set" and "Reset." * **Moving Contacts:** High-conductivity silver alloy pads designed to resist welding under high inrush currents. * **Arc Chute/Shield:** Internal structures that help extinguish the electric arc that forms when switching high loads. --- ### 4. Wiring Diagram Concept Since this is a latching relay, the control circuit usually involves an H-Bridge or a dual-pulse driver. ```cpp // Logic for driving a Latching Relay (Pseudocode) void switchON() { digitalWrite(COIL_PIN_A, HIGH); // Send 50ms pulse delay(50); digitalWrite(COIL_PIN_A, LOW); // Relay stays ON via magnet } void switchOFF() { digitalWrite(COIL_PIN_B, HIGH); // Send 50ms pulse to Reset coil delay(50); digitalWrite(COIL_PIN_B, LOW); // Relay stays OFF } ``` --- ### 5. Common Applications * **Smart Energy Meters:** Remote disconnection/reconnection of electricity supply. * **EV Charging Stations:** Main power disconnect. * **Solar Inverters:** Grid-tie disconnects. * **Industrial Automation:** Handling heavy motor loads or heaters.
    ✨ Follow-up Questions
    • ⤷What is the difference between a single coil and a dual coil version of this relay?
    • ⤷ How do I calculate the pulse duration needed to trigger the MZS-160-R?
    • ⤷ What are the common failure modes for 160A latching relays?