Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MZS-161-R

  • AI
    The **MZS-161-R** is a specific model of a **Miniature Magnetic Latching Relay**, typically manufactured by companies like Shenler or used in industrial automation and power distribution systems. Latching relays are unique because they do not require a continuous current to maintain their state; they use a pulse to switch and a permanent magnet to hold the position. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the MZS-161-R series: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1C (1 changeover / SPDT) or 1A (Normally Open) | | **Rated Load (Resistive)** | 16A @ 250VAC / 30VDC | | **Maximum Switching Power** | 4,000 VA / 480 W | | **Coil Type** | Single Coil or Dual Coil Latching | | **Coil Voltage (DC)** | 5V, 12V, 24V (standard options) | | **Contact Resistance** | ≤ 100mΩ | | **Mechanical Life** | $1 \times 10^6$ operations | --- ### 2. Key Electronic Components & Operation #### A. The Latching Mechanism Unlike a standard relay that returns to "Off" when power is removed, the MZS-161-R uses a **Permanent Magnet**. - **Set State:** A positive pulse moves the armature, and the magnet locks it in place. - **Reset State:** A reverse pulse (for single coil) or a pulse to a second coil (for dual coil) overcomes the magnetic force to move the armature back. #### B. Contact Materials The contacts are usually made of **Silver Alloy (AgNi or AgSnO2)**. - **AgSnO2 (Silver Tin Oxide):** Better for handling high inrush currents (like LED drivers or motors). - **AgNi (Silver Nickel):** Good for general-purpose resistive loads. #### C. Insulation The part features high dielectric strength, typically providing **5,000V AC** insulation between the coil and the contacts to protect control electronics from high-voltage surges on the load side. --- ### 3. Application Use-Cases Because of its 16A rating and latching nature, the MZS-161-R is commonly found in: 1. **Smart Lighting:** Controlling high-power LED arrays where energy saving is critical (no coil power consumption). 2. **Prepaid Energy Meters:** To connect or disconnect mains power based on credit. 3. **IoT Devices:** Battery-operated controllers that cannot afford the "hold current" of a standard relay. --- ### 4. Circuit Diagram Representation To drive this part, a H-Bridge circuit is often required if it is a single-coil version, allowing the microcontroller to reverse the polarity of the pulse. ```text (Pulse +) ----> [ Coil ] <---- (Pulse -) => SET (Pulse -) ----> [ Coil ] <---- (Pulse +) => RESET ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between single-coil and dual-coil versions of this relay?
    • ⤷ How do I calculate the pulse duration needed to trigger the MZS-161-R?
    • ⤷ Can this relay be used with AC control signals instead of DC?