Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MZS-1A2-R

  • AI
    The **MZS-1A2-R** is a specific model of a **Miniature Magnetic Reed Switch**. These components are widely used in sensing applications where non-contact detection of a magnetic field is required. --- ### 1. Technical Specifications The "1A2" typically denotes the contact form and power rating, while "R" often refers to the sensitivity range or packaging type (Standard Rhodium contacts). | Parameter | Typical Value / Description | | :--- | :--- | | **Contact Form** | Form A (SPST-NO - Normally Open) | | **Switching Power** | Max 10W | | **Switching Voltage** | Max 100V DC / 125V AC | | **Switching Current** | Max 0.5A | | **Carry Current** | Max 1.0A | | **Contact Resistance** | < 100 mΩ | | **Sensitivity Range** | 10-15 AT (Ampere Turns) or 15-20 AT | --- ### 2. Internal Construction A reed switch consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. * **Glass Tube:** Provides a protective environment, usually filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts. * **The Reeds:** Made of a nickel-iron alloy. In the MZS-1A2-R, these are plated with **Rhodium** or Ruthenium to ensure long life and low contact resistance. * **Operation:** When a magnetic field (from a permanent magnet or an electromagnet) approaches the switch, the reeds become polarized and attract each other, closing the circuit. --- ### 3. Key Features * **Hermetically Sealed:** Because the contacts are sealed in glass, they are immune to dust, moisture, and corrosion. This makes them ideal for explosive or harsh environments. * **Passive Component:** It requires no power to operate; it is actuated solely by an external magnetic field. * **High Reliability:** Capable of millions of switching cycles due to the lack of mechanical wear parts (other than the flexing of the metal reeds). * **Compact Size:** The "MZS" series is designed for high-density PCB mounting or small sensor housings. --- ### 4. Common Applications The MZS-1A2-R is commonly found in: 1. **Security Systems:** Door and window sensors. 2. **Automotive:** Fluid level sensors (brake fluid, coolant) and seatbelt buckles. 3. **Industrial:** Limit switches for pneumatic cylinders or proximity sensing. 4. **Consumer Electronics:** Laptop "lid closed" detection and smart water meters. --- ### 5. Installation Note When soldering or bending the leads of the MZS-1A2-R, extreme care must be taken. The glass-to-metal seal is fragile; if the glass cracks, the inert gas escapes, and the switch will fail prematurely due to oxidation.
    ✨ Follow-up Questions
    • ⤷What is the difference between Form A and Form C reed switches?
    • ⤷ How do I calculate the distance required for a magnet to trigger this switch?
    • ⤷ What are the advantages of Rhodium plating over Gold in reed contacts?