Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MZS-1AF-R/Q

  • AI
    The **MZS-1AF-R/Q** refers to a high-performance, compact automotive relay, typically manufactured by companies like **Sanyou** or similar specialized electronic component firms. It is designed for switching high-current loads in 12V DC environments. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the MZS-1AF-R/Q: | Characteristic | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Nominal Coil Voltage** | 12V DC | | **Max Switching Current** | 30A to 40A (Load dependent) | | **Contact Material** | Silver Alloy (AgSnO2) | | **Terminal Type** | PCB Terminals (Through-hole) | | **Enclosure** | Sealed / Flux Proof | | **Resistor Option** | "R" suffix indicates an internal Parallel Resistor | --- ### ## Key Component Features ### 1. Internal Surge Protection ("R" Suffix) The **"R"** in the part number indicates that a **Resistor** is wired in parallel with the coil. * **Purpose:** When the relay coil is de-energized, the magnetic field collapses, creating a high-voltage spike (Back EMF). * **Benefit:** The resistor dissipates this energy, protecting sensitive electronic control units (ECUs) or transistors driving the relay from voltage damage. ### 2. Contact Arrangement ("1A" Suffix) The **"1A"** designation identifies this as a **Single Pole Single Throw, Normally Open** contact. It acts as a heavy-duty switch that only completes the circuit when the coil is powered. ### 3. Load Capability Despite its small footprint, this relay is designed to handle high inrush currents, making it ideal for: * Fuel pumps * Headlights * Radiator fans * Power windows --- ### ## Pinout Configuration Most MZS series relays follow a standard automotive PCB layout: 1. **Coil Pins (2):** Connects to the trigger signal (12V and Ground). 2. **Contact Pins (2):** The "Switch" side. One pin connects to the battery/power source, the other to the load. --- ### ## Application Use Cases * **Automotive Electronics:** Used extensively in Body Control Modules (BCM) and Fuse Boxes. * **Industrial Control:** Small-scale automation requiring 12V logic to switch high-power DC loads. * **Aftermarket Mods:** Popular for adding high-draw accessories (LED bars, horns) to vehicles.
    ✨ Follow-up Questions
    • ⤷ What is the difference between using a resistor vs. a diode for coil suppression in this relay?
    • ⤷ Can this relay be used for 24V DC systems if the coil voltage is 12V?
    • ⤷ What is the maximum operating temperature range for the MZS-1AF series?