Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • N5-R2

  • AI
    The **N5-R2** generally refers to a specific version of a stepper motor controller/driver (often from the **Nanotec** N5 series). These devices are compact, high-performance motor controllers designed to integrate into automation systems via fieldbus interfaces. ### 1. Key Electronic Components & Specifications The N5-R2 is a "Plug & Drive" controller, meaning it combines a power stage, an encoder interface, and a logic controller into one unit. | Component / Feature | Specification Details | | :--- | :--- | | **Operating Voltage** | Typically 12V to 48V DC | | **Phase Current** | Up to 10A (RMS) / 15A (Peak) | | **Microstepping** | Up to 1/64 step resolution | | **Processor** | 32-bit Digital Signal Processor (DSP) | | **Interfaces** | RS485, CANopen, or EtherCAT (model dependent) | | **Digital I/O** | 6 Digital Inputs, 1 Digital Output (24V compatible) | | **Analog Input** | 1 Analog Input (0-10V or 0-20mA) | --- ### 2. Functional Electronic Sections #### A. Power Stage (H-Bridge) The core of the N5-R2 is a high-efficiency MOSFET H-Bridge. This section handles the PWM (Pulse Width Modulation) to control the current flowing into the motor phases. It includes overcurrent and overtemperature protection circuits. #### B. Encoder Interface The R2 version supports multiple encoder types: * **Incremental Encoders:** For closed-loop positioning. * **SSI Encoders:** For absolute positioning data. * **Hall Sensors:** Used for brushless DC (BLDC) motor commutation. #### C. Fieldbus Communication The electronic architecture includes a transceiver for industrial communication. The "R2" designation often implies the **RS485** hardware variant, utilizing the **Modbus RTU** or **NanoPro** protocol to receive commands from a PLC or PC. #### D. Protection Circuitry To ensure longevity in industrial environments, the board includes: * **Reverse Polarity Protection:** Prevents damage if power leads are swapped. * **Ballast Circuit:** Manages regenerative energy (voltage spikes) when a motor decelerates quickly. --- ### 3. Wiring Pinout Example Typical connector layout for the N5 series: ```yaml Power Connector: Pin 1: VCC (+12V to +48V) Pin 2: GND (0V) Communication (RS485): Pin 1: Data + (A) Pin 2: Data - (B) Pin 3: GND Motor Connection: A, A/, B, B/ (For Stepper) U, V, W (For BLDC) ```
    ✨ Follow-up Questions
    • ⤷ How do I configure the N5-R2 using Nanotec's software?
    • ⤷ What is the difference between the RS485 and EtherCAT versions of the N5 controller?
    • ⤷ How do I calculate the required power supply wattage for an N5-R2 setup?