Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • N5393D

  • AI
    The **1N5393D** is a specific type of general-purpose power rectifier diode. It is part of the 1N5391 through 1N5399 series, designed primarily for power supply rectification and protection circuits. ### 1. Key Technical Specifications The "D" suffix often denotes specific packaging or manufacturer variations (such as a Glass Passivated Junction), but the core performance remains consistent with the 1N5393 standard. | Parameter | Value | Description | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 200V | The maximum voltage it can block in reverse. | | **Average Forward Current ($I_{F(AV)}$)** | 1.5A | The maximum continuous current it can conduct. | | **Non-Repetitive Peak Surge Current ($I_{FSM}$)** | 50A | Maximum current spike (8.3ms half sine-wave). | | **Forward Voltage Drop ($V_F$)** | 1.1V | Voltage lost across the diode at 1.5A. | | **Operating Temperature ($T_J$)** | -65 to +150°C | The safe thermal range for operation. | | **Package Type** | DO-15 | Axial leaded plastic package. | --- ### 2. Major Electronic Characteristics #### A. Rectification Capability The 1N5393 is a "standard recovery" diode. It is optimized for low-frequency applications (50Hz to 60Hz AC) rather than high-speed switching power supplies. Its primary job is to convert Alternating Current (AC) into Direct Current (DC). #### B. Higher Current Handling Compared to the common 1N400x series (which handles 1.0A), the 1N5393 provides a higher current rating of **1.5A**. This makes it ideal for devices that require more power than a standard signal diode can provide but don't need the massive heat sinking of a 3A or 5A diode. #### C. Construction * **Junction Type:** Silicon PN junction. * **Diffused Junction:** This allows for a low forward voltage drop and high surge current capability. * **Polarity:** The cathode is denoted by a color band (usually white or silver) on the cylindrical body. --- ### 3. Common Applications 1. **Power Supplies:** Used in bridge rectifiers or half-wave rectifiers for wall adapters and battery chargers. 2. **Freewheeling Diode:** Placed across inductive loads (like relays or motors) to suppress voltage spikes when the power is cut. 3. **Reverse Polarity Protection:** Prevents damage to a circuit if the battery or DC input is connected backward. 4. **Voltage Clamping:** Used to limit the voltage in specific parts of a circuit to protect sensitive components. --- ### 4. Comparison with Related Parts ```markdown | Part Number | Max Reverse Voltage (V) | Max Current (A) | | :--- | :--- | :--- | | 1N5391 | 50V | 1.5A | | 1N5392 | 100V | 1.5A | | **1N5393** | **200V** | **1.5A** | | 1N5399 | 1000V | 1.5A | ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1N5393 and the 1N4003?
    • ⤷ Can I use a 1N5399 in place of a 1N5393?
    • ⤷ What are the thermal considerations when running this diode at 1.5A?