Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • N74F393D

  • AI
    ## Overview of the N74F393D The **N74F393D** is a high-speed CMOS/TTL compatible electronic component. Specifically, it is a **Dual 4-Bit Binary Ripple Counter**. It belongs to the "74F" (Fast) logic family, which is designed to provide high-speed operation with relatively low power consumption compared to older TTL families. --- ### 1. Key Specifications | Parameter | Value | | :--- | :--- | | **Logic Function** | Dual 4-Bit Binary Counter | | **Logic Family** | 74F (Fast) | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V (Standard 5V) | | **Package Type** | SO-14 (Small Outline Package - 14 pins) | | **Counting Max Frequency** | Typically 100 MHz to 125 MHz | | **Propagation Delay** | ~4.0 ns to 6.0 ns | | **Operating Temperature** | 0°C to +70°C | --- ### 2. Functional Description The N74F393D contains **two independent** 4-bit binary counters. Each counter has its own: * **Clock Input ($\overline{CP}$):** Triggered by a HIGH-to-LOW transition (falling edge). * **Master Reset (MR):** An active-HIGH input that clears all flip-flops to a LOW state (0000). * **Outputs ($Q_0, Q_1, Q_2, Q_3$):** Four buffered outputs providing the binary count. #### Operation Logic: Since it is a **ripple counter**, the output of one flip-flop acts as the clock for the next. This means the outputs do not change simultaneously (there is a small "ripple" delay between bits), but it simplifies the internal circuitry significantly. --- ### 3. Pin Configuration (SO-14) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | 1$\overline{CP}$ | Clock Input, Counter 1 (Falling Edge) | | 2 | 1MR | Master Reset, Counter 1 (Active High) | | 3 - 6 | 1$Q_0$ - 1$Q_3$ | Outputs, Counter 1 | | 7 | GND | Ground (0V) | | 8 - 11 | 2$Q_3$ - 2$Q_0$ | Outputs, Counter 2 | | 12 | 2MR | Master Reset, Counter 2 (Active High) | | 13 | 2$\overline{CP}$ | Clock Input, Counter 2 (Falling Edge) | | 14 | $V_{CC}$ | Positive Supply Voltage (5V) | --- ### 4. Common Applications * **Frequency Division:** By taking the output from $Q_3$, you can divide the input clock frequency by 16. * **Time Delay Generation:** Creating specific timing intervals in digital circuits. * **Digital Clocks:** Used in the counting stages for seconds, minutes, or hours. * **State Machines:** Serving as a basic sequence generator. --- ### 5. Implementation Example To use this chip as an 8-bit counter instead of two 4-bit counters, you can "cascade" them by connecting the output of the first counter to the clock input of the second: ```text Clock Source -> 1CP 1Q3 ----------> 2CP Final 8-bit Output: [2Q3, 2Q2, 2Q1, 2Q0, 1Q3, 1Q2, 1Q1, 1Q0] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ripple counter like the 74F393 and a synchronous counter?
    • ⤷ How does the 'F' (Fast) family compare to the 'LS' (Low-power Schottky) family in terms of power and speed?
    • ⤷ Can the N74F393D be used with 3.3V logic systems?