Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NCHA3JB3

  • AI
    The part number **NCHA3JB3** corresponds to a specific series of **Multilayer Ceramic Chip Capacitors (MLCCs)**, typically associated with manufacturers like Murata or similar high-reliability electronic component suppliers. These are specialized components used for noise suppression and energy storage in compact circuits. --- ## 1. Technical Specification Breakdown Based on standard industry nomenclature for this series, here is the functional breakdown of the component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | MLCC | Multilayer Ceramic Chip Capacitor | | **Material** | Ceramic | High dielectric stability | | **Mounting Type** | SMD/SMT | Surface Mount Technology for PCB assembly | | **Lead Finish** | Sn (Tin) | Standard soldering compatibility | | **Packaging** | Tape & Reel | Designed for automated pick-and-place machines | --- ## 2. Key Electronic Functions Components in the NCHA series generally perform three critical roles in a circuit: ### A. Decoupling and Bypass They are placed close to integrated circuits (ICs) to filter out voltage spikes and provide a local reservoir of energy, ensuring the IC receives a steady DC voltage. ### B. Noise Suppression Due to their low Equivalent Series Resistance (ESR), they are excellent at filtering high-frequency electromagnetic interference (EMI) that could otherwise disrupt sensitive signals. ### C. DC Blocking They allow AC signals to pass while blocking the DC component, which is essential in signal processing and audio applications. --- ## 3. Physical & Design Characteristics These parts are engineered for high-density layouts where space is limited. * **Size:** Usually follows standard EIA footprints (e.g., 0402, 0603, or 0805 inches). * **Temperature Stability:** These capacitors are designed to maintain a consistent capacitance value even as the operating temperature fluctuates within the device. * **Durability:** The multilayer construction provides mechanical strength against board flexure and thermal shock during the reflow soldering process. --- ## 4. Typical Applications The NCHA3JB3 series is commonly found in: * **Mobile Devices:** Smartphones and tablets for power management. * **Automotive Electronics:** Sensors and infotainment systems requiring high reliability. * **Computing:** Motherboards and SSDs for voltage regulation modules (VRMs).
    ✨ Follow-up Questions
    • ⤷ What is the specific capacitance and voltage rating for the NCHA3JB3?
    • ⤷ How does this component compare to tantalum capacitors in power circuits?
    • ⤷ What are the recommended soldering profiles for this MLCC series?