Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NCSS12-R014TRF

  • AI
    The **NCSS12-R014TRF** is a specialized electronic component, specifically a **Surface Mount (SMD) Current Sense Resistor**. It is designed to measure current flow by creating a small voltage drop that can be monitored by a control circuit. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **NCSS** | Series | Metal Foil Low Ohm Chip Resistor | | **12** | Size Code | 1206 Imperial (3.2mm x 1.6mm) | | **R014** | Resistance | 0.014 Ohms ($14m\Omega$) | | **T** | Tolerance | Typically refers to $\pm1\%$ (Verify via datasheet) | | **RF** | Feature | RoHS Compliant / Lead-Free | --- ## 2. Technical Specifications This part belongs to the metal foil category, known for high stability and low noise. * **Resistance Value:** $0.014 \Omega$ ($14 m\Omega$). * **Power Rating:** Usually **0.5W to 1W** (depending on the specific sub-series and thermal management). * **Temperature Coefficient (TCR):** Low TCR (often $\pm50ppm$ to $\pm100ppm/^\circ C$), ensuring accuracy even as the component heats up. * **Operating Temperature:** Typically $-55^\circ C$ to $+155^\circ C$. * **Construction:** Metal foil on a ceramic substrate for superior heat dissipation. --- ## 3. Key Applications Because of its very low resistance and precision, the NCSS12-R014TRF is used in: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback loops for current-mode switching power supplies. 3. **Motor Control:** Detecting overcurrent conditions to protect motors from burnout. 4. **Power Inverters:** Used in renewable energy or automotive electronics to manage high-efficiency power paths. --- ## 4. Measurement Principle The component operates based on **Ohm's Law ($V = I \times R$)**. * As current ($I$) passes through the $0.014 \Omega$ resistor, it generates a tiny voltage ($V$). * The system's microcontroller or amplifier measures this voltage. * Since $R$ is known and fixed, the system calculates $I = V / 0.014$ to determine the exact current flow. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does the TCR value affect the accuracy of current sensing?
    • ⤷ What are the recommended PCB layout practices for 1206 current sense resistors?