Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NCSS25-R007TRF

  • AI
    The **NCSS25-R007TRF** is a high-precision, surface-mount (SMD) current-sensing resistor. It is designed specifically for power management applications where measuring current flow with minimal energy loss is critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific characteristics: | Component Segment | Meaning | | :--- | :--- | | **NCSS** | Series Name (Metal Foil Current Sensing Resistor) | | **25** | Case Size (2512 Metric equivalent) | | **R007** | Resistance Value (0.007 Ohms or 7mΩ) | | **T** | Tolerance (typically ±1%) | | **RF** | RoHS Compliant / Lead-Free | --- ### 2. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Resistance** | 7 mΩ (0.007 Ω) | | **Power Rating** | Typically 1W to 2W (depending on thermal management) | | **Tolerance** | ±1% | | **Package / Case** | 2512 (6.3mm x 3.2mm) | | **Temperature Coefficient (TCR)** | Low (typically ±50ppm/°C to ±100ppm/°C) | | **Composition** | Metal Foil / Metal Plate | --- ### 3. Key Electronic Functions #### A. Current Sensing (Shunt Resistor) The primary role of this part is to act as a **shunt**. By placing it in series with a load, a small voltage drop is created ($V = I \times R$). Because the resistance is extremely low (7mΩ), the voltage drop is tiny, allowing a microcontroller or current-sense amplifier to measure high currents without wasting significant power as heat. #### B. Low Inductance Because it is constructed from metal foil rather than a wire coil, it has very low parasitic inductance. This makes it ideal for high-frequency switching applications like DC-DC converters. #### C. Thermal Stability The "Metal Foil" technology ensures that the resistance value stays stable even as the component heats up, preventing measurement drift in power supplies. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium-ion packs. * **DC-DC Converters:** Providing feedback for overcurrent protection. * **Motor Control:** Sensing phase current to manage torque and speed. * **Laptop/Mobile Power Rails:** Monitoring power consumption for efficiency. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does the 2512 package size affect thermal dissipation compared to smaller sizes?
    • ⤷ What are the advantages of metal foil resistors over thick film resistors for current sensing?