Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ND005D-SM02-R

  • AI
    The **ND005D-SM02-R** is a specific electronic component typically categorized as a **Pressure Sensor**, specifically belonging to the **NPI series** (often associated with NovaSensor/Amphenol products) or similar low-pressure differential sensor families. Below is a breakdown of its technical composition and electronic characteristics. --- ## 1. Core Technical Specifications These parameters define how the sensor interacts with an electronic circuit: | Parameter | Value/Description | | :--- | :--- | | **Sensor Type** | Differential Pressure Sensor | | **Pressure Range** | ±5 psi (Differential) | | **Technology** | Piezoresistive Silicon (MEMS) | | **Package Type** | Surface Mount (SMD) | | **Bridge Resistance** | Typically 5kΩ (nominal) | | **Operating Temp** | -40°C to +125°C | | **Media** | Non-corrosive gases / Dry air | --- ## 2. Electronic Architecture The internal circuitry is based on a **Wheatstone Bridge** configuration. This is the standard for high-precision pressure measurement. ### Key Components: 1. **MEMS Diaphragm:** A silicon chip etched to form a thin membrane. 2. **Piezoresistors:** Four resistors implanted into the silicon diaphragm. When pressure deforms the diaphragm, the resistance values change. 3. **Output Signal:** It provides a millivolt (mV) output proportional to the applied pressure and the excitation voltage. ### Typical Connection Pinout: Most SMD variants of this series follow a standard 8-pin or 6-pin configuration: * **Pin 1:** Supply Voltage ($V_{exc}$) * **Pin 2:** Positive Output ($+OUT$) * **Pin 3:** Ground/Negative Excitation ($-V_{exc}$) * **Pin 4:** Negative Output ($-OUT$) --- ## 3. Signal Conditioning Requirements Because the ND005D-SM02-R is an **uncompensated/unconditioned** sensor, it requires external electronic support to be useful in a digital system: * **Instrumentation Amplifier:** Needed to boost the low-level millivolt signal to a 0–5V or 0–3.3V range. * **Analog-to-Digital Converter (ADC):** To convert the analog voltage into data for a microcontroller (e.g., Arduino, ESP32). * **Temperature Compensation:** Since silicon resistors are sensitive to heat, software or hardware compensation is required to maintain accuracy across different temperatures. --- ## 4. Application Circuit Example To interface this part with a microcontroller, a basic bridge amplifier circuit is used: ```cpp // Logic flow for processing ND005D signal: 1. Apply stable 5V DC to Excitation pins. 2. Read Differential Voltage (Vout+ - Vout-) via INA126 or similar Op-Amp. 3. Apply Calibration Offset: Pressure = (V_read - V_offset) * Sensitivity_Constant. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum excitation voltage recommended for the ND005D-SM02-R?
    • ⤷ Which instrumentation amplifier is best suited for this sensor?
    • ⤷ How does the 'Differential' pressure type differ from 'Absolute' in this model?