Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NDP503C1R2

  • AI
    ## NDP503C1R2 Component Overview The **NDP503C1R2** is a high-efficiency, synchronous step-down (buck) DC/DC converter. It is designed to regulate a high input voltage down to a lower, stable output voltage, commonly used in automotive and industrial power management applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Synchronous Step-Down DC/DC Converter | | **Input Voltage Range** | 4.5V to 30V | | **Maximum Output Current** | 3.0 Amperes | | **Switching Frequency** | ~150 kHz (Internal) | | **Efficiency** | Up to 93% | | **Package Type** | SOP-8 (Exposed Pad) | --- ### 2. Core Functional Blocks The internal architecture of the NDP503C1R2 consists of several critical electronic sections: 1. **Integrated MOSFETs:** Unlike older buck regulators that require external diodes or transistors, this chip integrates both the high-side and low-side power MOSFETs. This reduces PCB footprint and improves heat dissipation. 2. **Internal Compensation:** It features built-in loop compensation, which simplifies the design process by reducing the number of external capacitors and resistors needed to stabilize the power loop. 3. **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the internal gates reliably. --- ### 3. Application Circuit Components To make the NDP503C1R2 functional in a real-world circuit, you typically need the following external parts: * **Input Capacitor ($C_{IN}$):** Usually a low-ESR ceramic capacitor (e.g., 10µF - 22µF) to filter input noise. * **Inductor ($L$):** Crucial for energy storage; usually rated for the 1.2µH to 10µH range depending on the specific output requirements. * **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple. * **Feedback Resistors ($R_1, R_2$):** A resistor divider network connected to the `FB` pin to set the desired output voltage level. --- ### 4. Common Use Cases * **Automotive Electronics:** 12V/24V to 5V USB chargers. * **Industrial Controls:** Distributed power systems. * **Networking Gear:** Powering microprocessors and FPGAs from a higher rail.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOP-8 package of the NDP503C1R2?
    • ⤷ How do I calculate the feedback resistor values for a 5V output?
    • ⤷ What is the thermal resistance of the NDP503C1R2 and how does it affect heat sinking?