Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET

  • AI
    It appears there might be a slight confusion between **.NET** (the software framework) and **Electronic Components** (hardware). However, if you are looking at how electronic systems interact with .NET or the specific "electronic" hardware parts required to run it, here is the breakdown. --- ## 1. Hardware Layers for .NET To run .NET applications (specifically .NET IoT or .NET NanoFramework), the system relies on specific electronic hardware components: | Component Type | Role in .NET Environment | Examples | | :--- | :--- | :--- | | **Microprocessor (MPU)** | High-level logic; runs full Linux/Windows with .NET Core. | ARM Cortex-A, Intel x86 | | **Microcontroller (MCU)** | Low-level logic; runs .NET NanoFramework directly on "bare metal." | ESP32, STM32, RP2040 | | **RAM (Memory)** | Stores the JIT (Just-In-Time) compiler and application objects. | DDR4, SRAM (Internal) | | **Storage (Flash)** | Stores the Compiled Assemblies (.dll files) and Runtime. | eMMC, SD Card, SPI Flash | --- ## 2. Electronic Interfaces (I/O) When writing .NET code for hardware (IoT), the framework interacts with these physical electronic interfaces: ### A. GPIO (General Purpose Input/Output) These are the physical pins on a board. In .NET, you use the `System.Device.Gpio` library to: * **Output:** Turn an LED or Relay on/off (Digital High/Low). * **Input:** Read a button press or a motion sensor signal. ### B. Communication Protocols .NET supports libraries for hardware-level communication with electronic parts: 1. **I2C (Inter-Integrated Circuit):** Used for small sensors (Temperature, Accelerometers) and OLED screens. 2. **SPI (Serial Peripheral Interface):** Used for high-speed data like SD Cards or RFID readers. 3. **UART (Serial):** Used for GPS modules or Bluetooth communication. --- ## 3. .NET for Hardware: Framework Comparison ### .NET IoT Libraries * **Target:** Raspberry Pi, Orange Pi, Hummingboard. * **Purpose:** Controlling high-level electronics using C# on top of a Linux OS. * **Code Example:** ```csharp using System.Device.Gpio; var controller = new GpioController(); controller.OpenPin(18, PinMode.Output); controller.Write(18, PinValue.High); // Electronic signal sent ``` ### .NET NanoFramework * **Target:** Low-power electronic boards (ESP32). * **Purpose:** A stripped-down version of .NET that runs directly on the electronic chip without an Operating System. --- ## 4. Key Electronic Parts often used with .NET If you are starting a .NET electronic project, you will likely encounter these: * **Sensors:** DHT22 (Humidity), BMP280 (Pressure). * **Actuators:** Servos, Stepper Motors, Solenoids. * **Controllers:** Logic Level Shifters (to convert 3.3V to 5V signals).
    ✨ Follow-up Questions
    • ⤷ What is the difference between .NET IoT and .NET NanoFramework?
    • ⤷ Which electronic boards are best for running C# code?
    • ⤷ How do I connect an I2C sensor to a .NET application?