Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET-75A

  • AI
    The **NET-75A** is a popular 75W multi-output switching power supply manufactured by MEAN WELL. It is widely used in industrial automation, telecommunications, and networking equipment due to its triple-output design and compact form factor. --- ## 1. Technical Specifications The NET-75A provides three distinct DC output channels from a single AC input. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 88 ~ 264VAC / 125 ~ 373VDC | | **Total Rated Power** | 68 Watts | | **Output CH1** | +5V / 1.0 ~ 7.0A | | **Output CH2** | +12V / 0.1 ~ 2.5A | | **Output CH3** | -5V / 0.0 ~ 0.5A | | **Efficiency** | 78% (Typical) | | **Dimensions** | 159 x 97 x 38 mm (L x W x H) | --- ## 2. Key Electronic Components & Design The internal circuitry of the NET-75A follows a **Flyback Converter** topology, which is standard for multi-output supplies of this power level. ### A. Input Stage (Primary Side) * **EMI Filter:** Includes X-capacitors, Y-capacitors, and common-mode chokes to suppress electromagnetic interference. * **Bridge Rectifier:** Converts AC input to high-voltage DC. * **Bulk Electrolytic Capacitor:** Smooths the rectified DC voltage (usually rated for 400V-450V). * **PWM Controller IC:** The "brain" that regulates switching frequency and duty cycle to maintain stable output voltages. ### B. Switching & Transformation * **Power MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses. * **High-Frequency Transformer:** Provides galvanic isolation between the primary (AC) and secondary (DC) sides and steps down the voltage to the required levels (+5V, +12V, -5V). ### C. Output Stage (Secondary Side) * **Schottky Rectifiers:** Fast-acting diodes that convert the high-frequency AC from the transformer back into DC. * **Filter Inductors & Low-ESR Capacitors:** These form an LC filter to minimize output ripple and noise. * **Optoisolator:** Provides feedback from the +5V output (the main regulated channel) back to the PWM controller to ensure stability under varying loads. --- ## 3. Integrated Protections The NET-75A includes several electronic protection layers to prevent damage to the power supply or connected components: 1. **Short Circuit Protection:** Recovery is automatic after the fault is removed (Hiccup mode). 2. **Overload Protection:** Activates when the load exceeds 105% ~ 150% of the rated power. 3. **Overvoltage Protection:** Specifically monitors the +5V rail (typically trips between 5.75V and 6.75V) to protect logic circuits. --- ## 4. Connection Interface The unit uses a standard 8-pin terminal block (9.5mm pitch) for electrical connections: | Pin No. | Assignment | | :--- | :--- | | 1 | AC Input (Line) | | 2 | AC Input (Neutral) | | 3 | Frame Ground (FG) | | 4 | Output CH3 (-5V) | | 5 | Output CH2 (+12V) | | 6, 7 | Output Common (Ground) | | 8 | Output CH1 (+5V) |
    ✨ Follow-up Questions
    • ⤷ How does the load distribution affect the stability of the +12V and -5V rails?
    • ⤷ What are the common failure points in the NET-75A during long-term operation?
    • ⤷ Can the NET-75A be used in parallel with other power supplies?