Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET2804T

  • AI
    The **NET2804T** is a specialized integrated circuit (IC) primarily used in communication and network interface systems. It is most commonly identified as a **Quad E1/T1/J1 Line Interface Unit (LIU)**. --- ## 1. Core Technical Specifications The device is designed to bridge the gap between the physical line (copper cabling) and the digital framer/processing unit. | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supported Standards** | E1 (2.048 Mbps), T1 (1.544 Mbps), J1 | | **Operating Voltage** | Typically 3.3V (with 5V I/O tolerance) | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Interface Mode** | Short-haul and Long-haul support | --- ## 2. Key Internal Electronic Components The NET2804T integrates several complex electronic sub-systems into a single silicon die: ### A. Clock and Data Recovery (CDR) It uses a digital Phase-Locked Loop (PLL) to extract the clock signal from the incoming bit stream, ensuring synchronization even if the incoming signal has slight frequency deviations. ### B. Transmit Pulse Shaper To meet international standards (like ITU-T G.703), the transmitter includes a programmable pulse shaper. This ensures that the electrical pulses sent over the line match the required "template" for height, width, and rise/fall times. ### C. Jitter Attenuator Network lines often suffer from "jitter" (timing instability). The NET2804T contains an internal buffer (FIFO) that absorbs timing variations to provide a clean, stable output to the digital side of the system. ### D. Receiver Sensitivity The receiver stage includes an Adaptive Equalizer. This electronic part automatically compensates for signal loss caused by long cable runs (attenuation), allowing it to "read" weak signals accurately. --- ## 3. Typical Application Circuit When designing a PCB with the NET2804T, the following external electronic parts are required: 1. **Isolation Transformers:** Used to provide galvanic isolation and impedance matching (usually 1:1 or 1:2 ratios). 2. **Termination Resistors:** High-precision resistors (1% tolerance) are used to match the line impedance (75Ω for coax or 120Ω for twisted pair). 3. **Decoupling Capacitors:** Small ceramic capacitors (0.1µF) placed near the VCC pins to filter high-frequency noise. 4. **Crystal Oscillator:** Provides the reference frequency for the internal PLL. --- ## 4. Operational Modes The chip can be configured via hardware pins or a software interface (Microprocessor Port): * **Host Mode:** Controlled by an external CPU via a serial or parallel bus. * **Hardware Mode:** Configured by tying specific pins to High (VCC) or Low (GND) levels, useful for simple, fixed-function designs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the NET2804T and its competitors?
    • ⤷ Can you explain the difference between Short-haul and Long-haul modes in this IC?
    • ⤷ Which isolation transformer models are recommended for use with the NET2804T?