Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET3T

  • AI
    The **NET3T** is a widely recognized industrial-grade electronic component, specifically a **Network Isolation Transformer / Line Interface Module**. It is most commonly manufactured by companies like *Pulse Electronics* or *Bourns* and is used primarily in T1/E1/CEPT/ISDN-PRI networking applications. --- ### 1. Key Electronic Specifications The NET3T acts as an interface between the digital controller and the physical transmission line. Below are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Turns Ratio** | Typically 1:1, 1:1.15, or 1:2 (depending on the specific circuit) | | **Isolation Voltage** | 1500 Vrms (Standard for safety and noise rejection) | | **OCL (Open Circuit Inductance)** | 1.2 mH to 2.0 mH | | **Package Type** | Through-Hole (THT) or Surface Mount (SMD) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components Inside Although the NET3T looks like a simple plastic block, it contains several internal sub-components: 1. **Toroidal Cores:** High-permeability ferrite cores used to provide high inductance in a small footprint. 2. **Magnetic Wire:** Fine copper wire (often double-insulated) wrapped precisely to achieve specific turns ratios. 3. **Isolation Barrier:** Physical separation between the primary and secondary windings to protect sensitive logic-side components from high-voltage surges on the line. 4. **Epoxy Encapsulation:** A flame-retardant molding compound that protects the internals from moisture and vibration. --- ### 3. Application in Circuitry In an electronic system, the NET3T is placed between the **Transceiver (PHY)** and the **RJ-48/RJ-45 Connector**. Its roles include: * **Impedance Matching:** Ensuring the signal source matches the line (typically 100Ω or 120Ω). * **DC Blocking:** Preventing DC currents from entering the transformer and saturating the core. * **Common Mode Rejection:** Filtering out electromagnetic interference (EMI) that might be picked up by long cable runs. --- ### 4. Schematic Representation The internal wiring usually looks like this in a circuit diagram: ```text Line Side (Network) Logic Side (IC) +--------------+ +--------------+ | | | | (1) --+ || +-- (6) (12) --+ || +-- (7) | ) || ( | | ) || ( | (2) --+ || ) +-- (5) (11) --+ || ) +-- (8) | ( | | ( | (3) --+ +-----+-- (4) (10) --+ +-----+-- (9) +--------------+ +--------------+ TX Section RX Section ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the SMD and THT versions of the NET3T?
    • ⤷ How do you test a NET3T transformer using a multimeter?
    • ⤷ Which IC transceivers are most compatible with the NET3T module?