Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET4GWH

  • AI
    The term **NET4GWH** typically refers to a **4G LTE Gateway or Industrial Cellular Router** (often associated with Netcomm or similar industrial telecommunications brands). These devices are designed to provide high-speed internet connectivity via cellular networks, often for M2M (Machine to Machine) or IoT applications. --- ### Core Electronic Components The hardware architecture of a 4G gateway is divided into several functional blocks. Below are the primary electronic parts: #### 1. The Cellular Module (Modem) This is the heart of the device. It handles the conversion of data into radio waves. * **Baseband Processor:** Manages the LTE protocol stack (Layer 1, 2, and 3). * **RF Transceiver:** Switches between transmitting (TX) and receiving (RX) signals. * **SIM Interface:** The physical slot and controller that reads the SIM card to authenticate with the carrier. #### 2. The Main Controller (SoC/CPU) The "brain" that manages the operating system (usually a Linux-based firmware) and coordinates data routing. * **RAM (DDR3/DDR4):** Used for temporary data storage and running processes. * **Flash Memory (NAND/NOR):** Stores the firmware and configuration settings. #### 3. Power Management Unit (PMU) Industrial gateways often operate in harsh environments with varying voltage inputs. * **Voltage Regulators:** Convert external power (often 9V–36V DC) down to 3.3V or 1.8V for the internal chips. * **Protection Circuits:** TVS diodes and fuses to protect against power surges and polarity reversal. --- ### Component Specifications Table | Component Category | Typical Part/Function | Purpose | | :--- | :--- | :--- | | **Connectivity** | LTE Cat 4 / Cat 6 Module | Provides the 4G cellular uplink. | | **Processing** | ARM-based Processor | Routes traffic and manages the Firewall/VPN. | | **Ethernet** | RJ45 Magnetic Jacks | Provides physical LAN/WAN ports for devices. | | **Antennas** | SMA Female Connectors | Points of attachment for external 4G/Wi-Fi antennas. | | **Indicators** | SMD LEDs | Show Signal Strength, Power, and Data Activity. | --- ### Peripheral Electronic Parts 1. **Ethernet Controller/Switch:** A dedicated chip that manages the local network ports, ensuring high-speed data transfer between wired devices. 2. **Wi-Fi Module (Optional):** If the model supports wireless local access, it will include a 2.4GHz or 5GHz radio chip and a dedicated power amplifier. 3. **GPIO & Serial Ports:** Many industrial units include RS232 or RS485 ports and General Purpose Input/Output pins to monitor sensors or control industrial machinery. 4. **Oscillators/Crystals:** Components that provide the precise clock timing required for high-speed data synchronization. --- ### Block Diagram Overview ```mermaid graph LR A[Power Input] --> B[PMU] B --> C[Main CPU] C --> D[Ethernet Switch] C --> E[4G Modem] E --> F[Antenna Port] D --> G[LAN Ports] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for industrial 4G gateways?
    • ⤷ How does the signal strength LED logic work in these devices?
    • ⤷ What is the difference between Cat 4 and Cat 6 LTE modules in these electronics?