Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET7T

  • AI
    The term **NET7T** typically refers to a specific series of **Ethernet Isolation Transformers** (Magnetics) or integrated **RJ45 Connector Modules** used in networking hardware. These components are critical for bridging the physical cable to the Ethernet controller (PHY). Below is a detailed breakdown of the electronic parts and functions associated with these components. --- ## 1. Internal Components & Structure An Ethernet magnetic module like the NET7T usually contains several discrete electronic elements housed within a single SMD (Surface Mount Device) or Through-Hole package. | Component | Function | | :--- | :--- | | **Isolation Transformers** | Provides 1500Vrms isolation to protect the circuitry from high-voltage spikes on the network cable. | | **Common Mode Chokes (CMC)** | Filters out electromagnetic interference (EMI) and noise common to both signal lines. | | **Bob-Smith Termination** | A network of resistors and high-voltage capacitors used to terminate unused pairs and reduce EMI. | | **Center Taps** | Connections that allow for DC biasing or Power over Ethernet (PoE) injection. | --- ## 2. Key Specifications When looking at the datasheet for a NET7T-style part, the following electronic parameters are standard: ### A. Turns Ratio The ratio of windings between the primary (chip side) and secondary (cable side). * **Common Ratios:** 1:1, 1:1.41, or 1:2.5 depending on whether the PHY is voltage-mode or current-mode driven. ### B. Insertion & Return Loss * **Insertion Loss:** The signal power lost when the signal passes through the component. Ideally < -1.0dB. * **Return Loss:** The measure of how much signal is reflected back to the source due to impedance mismatch. ### C. Crosstalk (Next) Measures the unwanted signal leakage between different channels (pairs) within the same module. --- ## 3. Circuit Application In a typical PCB layout, the NET7T component sits between the **Ethernet PHY chip** and the **RJ45 Jack**. ```mermaid graph LR A[Ethernet PHY] <--> B[NET7T Magnetics] B <--> C[RJ45 Connector] C <--> D[Ethernet Cable] ``` ### Key Electronic Requirements for Implementation: 1. **Impedance Matching:** The traces between the PHY and the NET7T must be 100-ohm differential pairs. 2. **Isolation Gap:** No ground or power planes should run underneath the transformer to maintain the 1500V dielectric isolation. 3. **Decoupling:** Capacitors (usually 0.1uF) are placed on the center taps to provide a path for AC noise to ground. --- ## 4. Summary Table of Features | Feature | Description | | :--- | :--- | | **Standard Support** | IEEE 802.3 (10/100/1000 Base-T) | | **Dielectric Strength** | 1500 Vrms minimum | | **Operating Temp** | Usually -40°C to +85°C (Industrial Grade) | | **Package Type** | Often 16-pin or 24-pin SOIC / SMD | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a voltage-mode and a current-mode PHY in relation to these transformers?
    • ⤷ How do I calculate the Bob-Smith termination values for a NET7T module?
    • ⤷ Can the NET7T series be used for Power over Ethernet (PoE) applications?