Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET8501TY

  • AI
    The **NET8501TY** is a specialized high-performance Power over Ethernet (PoE) controller chip, typically used in network infrastructure such as IP cameras, wireless access points, and VoIP phones. It acts as a Powered Device (PD) interface. --- ### 1. Key Technical Specifications The NET8501TY is designed to comply with standard IEEE protocols for delivering power over Ethernet cables. | Feature | Specification | | :--- | :--- | | **Standard Compliance** | IEEE 802.3af / 802.3at | | **Type** | PD (Powered Device) Interface Controller | | **Input Voltage Range** | 37V to 57V DC | | **Output Power** | Up to 13W (af) or 25.5W (at) | | **Package Type** | SOT23-6 or QFN (Commonly SOT23-6) | | **Isolation** | Non-isolated or Isolated Support | --- ### 2. Core Functional Components The internal architecture of the NET8501TY includes several critical electronic stages: 1. **Detection Circuitry**: Provides a 25kΩ signature resistance to the Power Sourcing Equipment (PSE) to signal that it is a valid PoE-compatible device. 2. **Classification Circuitry**: Identifies the power class of the device (Class 0-4) so the switch allocates the correct wattage. 3. **Pass MOSFET**: An internal high-voltage power MOSFET that connects the input power to the output load once the "handshake" with the switch is complete. 4. **Under-Voltage Lockout (UVLO)**: Ensures the chip only operates when the input voltage is within a safe range (usually above 35V). 5. **Thermal Protection**: Shuts down the device if internal temperatures exceed safe operating limits. --- ### 3. Application Circuit Diagram (Typical) In a real PCB layout, the NET8501TY interacts with the following external components: ```mermaid graph LR RJ45[RJ45 Connector] --> Bridge[Diode Bridge] Bridge --> NET8501[NET8501TY Chip] NET8501 --> DC_DC[DC-DC Converter] DC_DC --> Load[System SoC/Sensors] ``` * **Diode Bridges**: Required to handle polarity regardless of how the ethernet cable is wired. * **Smoothing Capacitor**: Filters the DC output to prevent ripples. * **DC-DC Converter**: Since PoE delivers ~48V, this chip usually feeds into a buck converter to step down the voltage to 3.3V, 5V, or 12V for the electronics. --- ### 4. Advantages * **Integration**: Combines detection, classification, and the power switch into one tiny footprint. * **Cost-Effective**: Reduces the Bill of Materials (BOM) for manufacturers of low-to-medium power IoT devices. * **Reliability**: Includes built-in inrush current limiting to prevent sparks or damage when plugging in the cable.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the NET8501 and NET8504 series?
    • ⤷ Can this chip be used in a Gigabit Ethernet application?
    • ⤷ What are the common failure modes for PoE PD controllers like the NET8501TY?