Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NET8N

  • AI
    It appears you are referring to the **NE555** timer IC (often misread or mistyped as NET8N due to the 8-pin package and branding styles) or specifically the **NE555P / NE555N** variant. The NE555 is one of the most popular and versatile integrated circuits in electronics. Below is a detailed breakdown of its parts, internal structure, and pinout. --- ### 1. Pin Configuration (8-Pin DIP) The "N" in the part number usually signifies a Plastic Dual In-line Package (PDIP). Here is the pinout table: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground (0V). | | 2 | **TRIG** | Trigger; starts the timing cycle when voltage drops below 1/3 Vcc. | | 3 | **OUT** | Output; pushes or pulls current to the load. | | 4 | **RESET** | Resets the timer; usually tied to Vcc if not used. | | 5 | **CONT** | Control Voltage; allows access to the internal voltage divider. | | 6 | **THRES** | Threshold; ends the timing cycle when voltage exceeds 2/3 Vcc. | | 7 | **DISCH** | Discharge; used to discharge the external capacitor through an open collector. | | 8 | **VCC** | Positive supply voltage (typically 4.5V to 15V). | --- ### 2. Internal Electronic Components The "8-pin" timer is essentially a "system on a chip" containing the following electronic sub-parts: * **Voltage Divider:** Three $5k\Omega$ resistors (which is why it is called the "555") that create reference voltages at 1/3 and 2/3 of the supply voltage. * **Comparators:** Two operational-amplifier-like circuits that compare input voltages (Trigger and Threshold) against the reference voltages. * **SR Flip-Flop:** A digital storage unit that "remembers" whether the output should be High or Low. * **Discharge Transistor:** An NPN transistor used to empty the timing capacitor. * **Output Stage:** A high-current totem-pole stage capable of sourcing or sinking up to 200mA. --- ### 3. Common Operating Modes The circuit is used in three primary configurations: 1. **Astable Mode:** The output switches back and forth continuously (creates a Square Wave). Used for LED flashers or tone generators. 2. **Monostable Mode:** The output goes "High" for a set duration after a trigger pulse and then stays "Low." Used for timers or touch switches. 3. **Bistable Mode:** Operates like a latch; one button turns it on, another turns it off. --- ### 4. Technical Specifications ```json { "Part_Type": "Timer IC", "Supply_Voltage": "4.5V to 16V", "Max_Output_Current": "200mA", "Temperature_Range": "0°C to 70°C (Commercial Grade)", "Package": "PDIP-8" } ```
    ✨ Follow-up Questions
    • ⤷How do I calculate the frequency of a 555 timer in astable mode?
    • ⤷ What is the difference between the NE555 and the CMOS 7555 version?
    • ⤷ Can you provide a simple wiring diagram for an LED flasher?