Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NETCAT5GY

  • AI
    Based on the technical classification of networking components, **NETCAT5GY** typically refers to a Category 5e (Cat5e) Ethernet patch cable or bulk cable, where "GY" denotes the **Grey** color jacket. Below is an explanation of its electronic parts and construction: ### 1. Internal Components and Construction | Component | Description | Material/Function | | :--- | :--- | :--- | | **Conductors** | 8 individual wires twisted into 4 pairs. | Typically **24 AWG** Solid or Stranded Copper. | | **Insulation** | Coating around each copper conductor. | High-density Polyethylene (HDPE). | | **Twisting** | The "Twisted Pair" design. | Reduces electromagnetic interference (EMI) and crosstalk. | | **Jacket** | The outer protective layer. | PVC (Polyvinyl Chloride) or LSZH (Low Smoke Zero Halogen). | | **Connectors** | If a patch cable, the ends used for plugging. | RJ45 (8P8C) with gold-plated contacts. | --- ### 2. Technical Specifications These electronic characteristics define how the "NETCAT5GY" performs in a network environment: * **Bandwidth:** Supports frequencies up to **100 MHz**. * **Data Rate:** Capable of handling up to **1000 Mbps (1 Gigabit)** at distances up to 100 meters. * **Impedance:** Standardized at **100 Ohms** ($\pm 15\%$). * **Wiring Scheme:** Usually wired to **T568B** or **T568A** standards. --- ### 3. Electronic Protection Features 1. **Crosstalk Mitigation (NEXT):** The specific "twist rate" of the electronic pairs ensures that signals from one pair do not bleed into another. 2. **Gold Plating:** The RJ45 pins are typically plated with 50 microns of gold to prevent oxidation and ensure a stable electronic connection over time. 3. **Strain Relief:** Most "GY" (Grey) cables include a molded boot to prevent the wires from detaching from the electronic contacts under physical stress. --- ### 4. Comparison: Cat5 vs. Cat5e (NETCAT5GY) | Feature | Cat5 | Cat5e (NETCAT5GY) | | :--- | :--- | :--- | | **Max Speed** | 100 Mbps | 1000 Mbps (1 Gbps) | | **Max Frequency** | 100 MHz | 100 MHz | | **Crosstalk Specs** | Basic | Enhanced (Strict requirements) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between solid and stranded conductors in Cat5e cables?
    • ⤷ How does the 'twist rate' affect the signal integrity of the cable?
    • ⤷ Is Cat5e compatible with Power over Ethernet (PoE) devices?