Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NETCAT6GY

  • AI
    The term **NETCAT6GY** typically refers to a **Category 6 (Cat6) Ethernet Network Cable** with a **Grey (GY)** outer jacket. These cables are fundamental components in structured cabling systems for data transmission. --- ### 1. Key Technical Specifications The "NETCAT6GY" identifies the specific electronic and physical standards the cable must meet to ensure high-speed data integrity. | Feature | Specification | | :--- | :--- | | **Category** | Cat6 (TIA/EIA-568-B) | | **Bandwidth** | Up to 250 MHz | | **Data Rate** | 1 Gbps (up to 100m) / 10 Gbps (up to 55m) | | **Conductor Gauge** | Typically 23 AWG or 24 AWG | | **Color Code** | GY (Grey) | --- ### 2. Internal Electronic Components Anatomy of a Cat6 cable involves several critical parts designed to reduce **Crosstalk** and **Electromagnetic Interference (EMI)**: 1. **Conductors:** Usually eight solid or stranded copper wires twisted into four pairs. Solid copper is preferred for long-run permanent installations, while stranded is used for patch cords. 2. **Twisted Pairs:** Each pair has a specific "twist rate" (lay length). Cat6 has tighter twists than Cat5e to minimize signal degradation. 3. **The Spline (Cross-Filler):** A plastic longitudinal separator that keeps the four pairs isolated from each other. This is the primary electronic differentiator from Cat5e, as it significantly reduces Near-End Crosstalk (NEXT). 4. **Jacket (PVC/LSZH):** The grey outer layer protects the wires. In "NETCAT6GY," the **GY** suffix specifically denotes this color for inventory coding. --- ### 3. Wiring Configuration Cat6 cables are terminated using RJ45 connectors following either the T568A or T568B standard. ```text T568B Standard Pinout: 1. White/Orange 2. Orange 3. White/Green 4. Blue 5. White/Blue 6. Green 7. White/Brown 8. Brown ``` --- ### 4. Applications * **LAN Networking:** Connecting computers, servers, and switches. * **PoE (Power over Ethernet):** Delivering power to IP cameras, VoIP phones, and Wireless Access Points. * **AV over IP:** Transmitting high-definition video signals over long distances.
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance for 10Gbps speeds on a Cat6 cable?
    • ⤷ How does the internal spline improve signal quality?
    • ⤷ What is the difference between UTP and STP versions of this cable?