Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NETTVSBK

  • AI
    Based on the technical breakdown of common TV repair kits and components associated with specific LED/Smart TV chassis (often related to generic or manufacturer-specific board numbers), here is an explanation of the electronic parts typically involved in a **NETTVSBK** (Networking/Television Service Board Kit). --- ### Core Components Table | Component Name | Function | Common Failure Symptoms | | :--- | :--- | :--- | | **Main Logic Board** | The "brain" of the TV; processes video signals, HDMI inputs, and Smart TV OS. | TV stuck on logo, HDMI ports not working, no Wi-Fi. | | **Power Supply Unit (PSU)** | Converts AC wall power to DC voltages (5V, 12V, 24V) for the TV. | TV will not turn on, no standby light, or clicking sounds. | | **T-CON Board** | Translates video data from the main board for the LCD panel. | Vertical lines, "ghosting" images, or a white/blank screen. | | **LED Driver / Inverter** | Powers the backlight strips behind the screen. | Sound is present but the screen is pitch black (Flashlight test). | | **Wi-Fi/Bluetooth Module** | Allows wireless connectivity for streaming apps. | Error codes when connecting to the internet or remote lag. | --- ### Detailed Breakdown of Key Modules #### 1. The Main Board (A/V Board) This is the most complex electronic part. It contains the **CPU (Central Processing Unit)** and **eMMC Flash Memory**. * **Ports:** Houses HDMI, USB, Optical Out, and Tuner inputs. * **Voltage Regulators:** Small DC-to-DC converters that often fail, causing the board to lose power even if the PSU is working. #### 2. Power Supply Unit (PSU) Usually located on a separate PCB (Printed Circuit Board). * **Capacitors:** These are the most common points of failure. If they "bulge," the TV will lose its ability to filter power. * **Bridge Rectifier:** Converts the initial AC input to high-voltage DC. #### 3. Backlight LED Strips While technically part of the panel assembly, they are the electronic "load" for the power board. * **Circuitry:** Usually wired in series. If one LED burns out, the entire string (and sometimes the whole backlight) fails. --- ### Technical Specifications for Identification When ordering replacement parts for a kit like the NETTVSBK, always verify these three identifiers: 1. **Board Number:** Printed directly on the green or blue silk-screen (e.g., `TP.MS338.PB801`). 2. **Part Number:** Often found on a white barcode sticker. 3. **Panel Sticker:** Check the back of the LCD panel itself (e.g., `V500HJ1-ME1`), as electronic boards must match the specific panel timing. ---
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing T-CON board versus a failing Main board?
    • ⤷ How can I test if the Power Supply Unit is outputting the correct voltage?
    • ⤷ Are these electronic parts interchangeable between different TV brands?