Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NF2010A-RQ

  • AI
    ## NF2010A-RQ Electronic Overview The **NF2010A-RQ** is an industrial-grade **Single-Phase AC Power Line Filter**. It is primarily used to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in electrical circuits, ensuring compliance with electromagnetic compatibility (EMC) standards. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 250V AC | | **Rated Current** | 10A | | **Operating Frequency** | 50 / 60 Hz | | **Test Voltage (Line to Ground)** | 2000V AC (1 minute) | | **Test Voltage (Line to Line)** | 1450V DC (1 minute) | | **Temperature Range** | -25°C to +85°C | --- ### 2. Internal Electronic Components The device acts as a **Low-Pass Filter**, typically consisting of a passive network of inductors and capacitors. * **Common Mode Choke (Inductors):** These are wound on a high-permeability ferrite core. They provide high impedance to common-mode noise (noise flowing in the same direction on both lines) while allowing the power current to pass. * **X-Capacitors (Line-to-Line):** These bridge the Live and Neutral lines to suppress differential-mode interference. * **Y-Capacitors (Line-to-Ground):** These connect the lines to the ground/chassis. They are critical for filtering common-mode noise, but their value is limited by safety standards to keep "leakage current" at a safe level. * **Bleeder Resistor:** A high-value resistor is often included across the X-capacitor to discharge the stored energy once power is disconnected, preventing electric shock. --- ### 3. Connection and Pinout The NF2010A-RQ usually features a metal housing that acts as an additional shield. * **LINE Side:** Input from the mains power source. * **LOAD Side:** Output to the sensitive electronic equipment. * **Ground Lug:** The metal casing must be securely grounded to the chassis to ensure the Y-capacitors function correctly. --- ### 4. Applications * **Switch Mode Power Supplies (SMPS):** Reducing high-frequency switching noise. * **Industrial Automation:** Protecting PLCs and sensors from grid noise. * **Medical Equipment:** Ensuring low leakage and high stability. * **Office Electronics:** Preventing computers and printers from polluting the local power grid.
    ✨ Follow-up Questions
    • ⤷ What is the difference between differential mode and common mode noise in this filter?
    • ⤷ How do I calculate the leakage current for the NF2010A-RQ?
    • ⤷ What are the mounting requirements for optimal EMI shielding?