Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NF3300A-RQ2

  • AI
    The **NF3300A-RQ2** is a high-performance, three-phase AC noise filter designed primarily for industrial applications. It is engineered to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in high-power systems. --- ## 1. Technical Specifications The following table outlines the core electrical parameters of the NF3300A-RQ2: | Parameter | Specification | | :--- | :--- | | **Rated Current** | 300A | | **Rated Voltage** | 250V / 500V AC (Three-phase) | | **Test Voltage (Withstand)** | 2000V AC (for 1 minute) | | **Insulation Resistance** | 100MΩ Minimum (at 500V DC) | | **Leakage Current** | 2.5mA to 7.0mA (at 250V/500V 60Hz) | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Key Electronic Components & Internal Design The internal circuitry of the NF3300A-RQ2 utilizes a multi-stage filtering topology to handle high-current loads. ### Common Mode Chokes * **Function:** Large ferrite or nanocrystalline cores wound with heavy-gauge copper wire. * **Role:** These provide high impedance to common-mode noise (interference present on all lines relative to ground) without saturating under the high 300A load. ### X-Capacitors (Line-to-Line) * **Function:** Polypropylene film capacitors placed across the phases. * **Role:** Designed to suppress differential mode interference (noise between the phases). ### Y-Capacitors (Line-to-Ground) * **Function:** High-voltage ceramic or film capacitors connected between the phases and the chassis ground. * **Role:** These shunt common-mode noise to the ground. In the "RQ" series, these are often optimized to balance attenuation with safety leakage current limits. ### Bleeder Resistors * **Function:** High-value resistors integrated into the circuit. * **Role:** These ensure that the capacitors discharge safely once power is disconnected, preventing electric shock to technicians. --- ## 3. Physical & Structural Features Given the 300A rating, the physical construction is as critical as the electronics: 1. **Busbar Terminals:** Unlike small filters with pins, this unit uses heavy-duty copper busbars or bolt-on terminals to handle the heat and current density. 2. **Metal Enclosure:** The electronics are housed in a grounded steel or aluminum case which acts as a Faraday cage, providing additional shielding against radiated emissions. 3. **Potting Compound:** The internal components are often encapsulated in a flame-retardant epoxy resin to provide vibration resistance and thermal dissipation. --- ## 4. Typical Applications * **Inverter/Converter Systems:** Protecting the grid from switching noise generated by high-power IGBTs. * **Servo Drives:** Used in CNC machinery to prevent motor noise from affecting control electronics. * **Renewable Energy:** Filtering output from large-scale solar inverters or wind turbine power conditioners.
    ✨ Follow-up Questions
    • ⤷What are the mounting dimensions for the NF3300A-RQ2?
    • ⤷ How does the attenuation curve of this filter compare to the standard NF3300 series?
    • ⤷ What is the recommended torque for the terminal bolts on a 300A filter?