Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NPP-DMN-R

  • AI
    ## NPP-DMN-R Electronic Component Overview The **NPP-DMN-R** is a specific model within the **NPP Series** of MEMS (Micro-Electro-Mechanical Systems) pressure sensors. These are high-performance, surface-mount sensors designed for medical and industrial applications where precision and small form factor are critical. --- ### 1. Key Technical Specifications The NPP-DMN-R is primarily a **piezoresistive** pressure sensor. Below are its core electrical and physical parameters: | Parameter | Specification | |:---|:---| | **Sensor Type** | Piezoresistive MEMS | | **Pressure Range** | 0 to 100 kPa (Standard Range) | | **Output Type** | Analog (Uncompensated) | | **Package Style** | SOIC-8 (Surface Mount) | | **Input Voltage** | 3.0V to 10.0V (Typical) | | **Input Impedance** | 5000 Ω (Nominal) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Internal Electronic Architecture The "Electronic Parts" of the NPP-DMN-R consist of a silicon micromachined die utilizing the piezoresistive effect. * **Wheatstone Bridge Configuration:** The sensor's internal circuit is wired as a closed Wheatstone bridge. When pressure is applied to the diaphragm, the resistance of the embedded resistors changes, resulting in a differential voltage output proportional to the pressure. * **Uncompensated Output:** Unlike "Digital" sensors, the NPP-DMN-R provides a raw millivolt (mV) output. This means it requires external circuitry (such as an Instrumentation Amplifier and an ADC) to convert the signal into a readable format. * **Linearity:** The device is known for high linearity, meaning the change in output voltage is very consistent across the pressure scale. --- ### 3. Pinout Configuration (SOIC-8) The device typically follows a standard 8-pin layout for bridge sensors: | Pin Number | Function | Description | |:---:|:---|:---| | 1-3 | NC | No Internal Connection | | 4 | -OUT | Negative Output (Differential) | | 5 | +IN | Positive Supply Voltage (Excitation) | | 6 | +OUT | Positive Output (Differential) | | 7 | -IN | Negative Supply Voltage (Ground) | | 8 | NC | No Internal Connection | --- ### 4. Common Applications Due to its small size and reliability, the NPP-DMN-R is frequently used in: * **Medical Devices:** Blood pressure monitors, portable oxygen concentrators, and ventilators. * **Consumer Electronics:** Sports watches and altimeters. * **Industrial:** HVAC pressure monitoring and leak detection. --- ### 5. Implementation Requirements Since this is a **compensated/uncalibrated** analog sensor, an engineer must include the following in their electronic design: 1. **Amplification:** Use an Op-Amp (Operational Amplifier) to boost the low-level mV signal. 2. **Temperature Compensation:** Since silicon resistors are temperature-sensitive, the microcontroller code usually includes a compensation algorithm to adjust for thermal drift.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure limit for the NPP-DMN-R before damage occurs?
    • ⤷ How do I calculate the pressure from the millivolt output of this sensor?
    • ⤷ Are there digital versions of this sensor available with integrated I2C communication?