Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NQ-R-8

  • AI
    The **NQ-R-8** typically refers to a **Network Relay Controller** (often associated with brands like Bogen for paging systems or generic industrial automation modules). These devices are designed to bridge network commands (IP) with physical electrical circuits. Below is an explanation of the electronic components and functional sections typically found in an NQ-R-8 module. --- ### 1. Core Component Breakdown | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" of the unit. | Processes incoming IP packets and triggers the relay logic. | | **Relay Array** | 8 Electromechanical or Solid State Relays. | Physical switches that open/close external circuits. | | **Ethernet Controller** | RJ45 Interface & PHY Chip. | Handles TCP/IP communication and Power over Ethernet (PoE). | | **Status LEDs** | Light Emitting Diodes. | Visual indicators for Power, Link, and individual Relay states. | | **Terminal Blocks** | Screw-down connectors. | Secure attachment points for external wiring (Common, NO, NC). | --- ### 2. Functional Electronic Sections #### A. Power Management Most NQ-R-8 units are powered via **PoE (802.3af/at)** or a DC input (usually 12V-24V). * **Voltage Regulators:** Convert the input voltage down to 3.3V or 5V required for the logic circuits. * **Optoisolators:** Many high-quality controllers use optoisolation to separate the sensitive MCU electronics from the high-voltage relay side to prevent electrical noise or surges from damaging the network. #### B. Relay Configuration The "8" in the name signifies 8 independent channels. Each channel usually features a **Form C contact** layout: * **COM (Common):** The shared terminal. * **NO (Normally Open):** The circuit is open until the relay is energized. * **NC (Normally Closed):** The circuit is closed until the relay is energized. #### C. Connectivity & Logic The device acts as an **I/O Gateway**. * **Firmware:** Embedded software that provides a web-based GUI for configuration. * **API Support:** Electronic triggers can be sent via HTTP commands, MQTT, or Telnet, allowing the hardware to integrate with third-party software (like paging systems or security platforms). --- ### 3. Technical Specifications (Typical) ```json { "channels": 8, "interface": "10/100 Ethernet", "relay_rating": "Max 2A @ 30V DC / 0.5A @ 125V AC", "power_source": "PoE or External DC", "mounting": "Wall mount or DIN Rail" } ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you wire a 'Normally Open' circuit to the NQ-R-8?
    • ⤷ Does the NQ-R-8 support PoE+ or standard PoE?
    • ⤷ What software is commonly used to trigger these relays over a network?