Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NRF24L01P-R

  • AI
    The **NRF24L01P-R** is a highly popular, single-chip 2.4GHz transceiver designed for ultra-low power wireless applications. It is the "Plus" (+) version of the original NRF24L01, offering improved range and sensitivity. --- ## 1. Technical Specifications The core electronic characteristics of the NRF24L01P-R define its performance in wireless communication. | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 2.400 GHz to 2.4835 GHz (ISM Band) | | **Data Rate** | 250 kbps, 1 Mbps, or 2 Mbps | | **Operating Voltage** | 1.9V to 3.6V (Inputs are 5V tolerant) | | **Current (TX @ 0dBm)** | ~11.3 mA | | **Current (RX @ 2Mbps)** | ~13.5 mA | | **Current (Power Down)** | 900 nA | | **Interface** | 4-wire SPI (up to 10 MHz) | | **Package** | 20-pin QFN (4mm x 4mm) | --- ## 2. Pinout and Hardware Components The chip requires a few external components to function, typically found on pre-made modules like the "NRF24L01+ PA/LNA". ### Internal Subsystems 1. **Radio Front End:** Handles the modulation (GFSK) and high-frequency signal transmission. 2. **Baseband Engine (Enhanced ShockBurst™):** Manages packet handling, automatic acknowledgment (ACK), and retransmissions, reducing the load on the host MCU. 3. **Power Management:** Regulators that allow the chip to operate down to 1.9V. ### External Component Requirements * **Crystal Oscillator:** Typically requires a 16MHz crystal with a specific load capacitance. * **Decoupling Capacitors:** Essential for stabilizing the voltage, usually a 10µF and a 0.1µF capacitor placed close to the VCC pin. * **Antenna Matching Network:** A combination of inductors and capacitors (LC circuit) to match the 50Ω antenna impedance. --- ## 3. Communication Interface The NRF24L01P-R communicates with a microcontroller (like Arduino, STM32, or ESP32) using the **SPI protocol**. ### Connection Table | Pin | Name | Description | | :--- | :--- | :--- | | **VCC** | Power | 1.9V - 3.6V (Do NOT connect to 5V) | | **GND** | Ground | Common Ground | | **CE** | Chip Enable | Activates RX or TX mode | | **CSN** | SPI Chip Select | Tells the chip the SPI bus is active | | **SCK** | SPI Clock | Serial clock for data synchronization | | **MOSI** | Master Out Slave In | Data from MCU to NRF24 | | **MISO** | Master In Slave Out | Data from NRF24 to MCU | | **IRQ** | Interrupt Request | Signal to MCU that data is received or sent | --- ## 4. Key Features * **Multiceiver™:** The chip can listen to up to 6 different data pipes (addresses) simultaneously. * **Auto-ACK:** The hardware automatically sends an acknowledgment packet back to the sender, ensuring data integrity without manual coding. * **5V Tolerant Inputs:** While the power must be 3.3V, the data pins (SPI) can handle 5V logic from an Arduino Uno. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire an NRF24L01P-R to an Arduino Nano safely?
    • ⤷ What is the difference between the NRF24L01 and the NRF24L01P-R?
    • ⤷ Why does my NRF24L01 module require an external capacitor for stable operation?