Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NTMFS4925NET3G

  • AI
    ## NTMFS4925NET3G: Electronic Component Overview The **NTMFS4925NET3G** is a high-performance **N-Channel Power MOSFET** manufactured by ON Semiconductor (onsemi). It is designed specifically for power management applications requiring high efficiency and small form factors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Transistor Polarity** | N-Channel | | **Drain-to-Source Voltage ($V_{DSS}$)** | 30 V | | **Continuous Drain Current ($I_D$)** | 46 A (at $T_C = 25^\circ C$) | | **On-Resistance ($R_{DS(on)}$)** | 10.3 mΩ @ 10 V | | **Gate Charge ($Q_G$)** | 6.5 nC (Typical) | | **Package Type** | SO-8FL (Flat Lead) / DFN5 | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Physical and Design Characteristics * **SO-8FL Package:** This is a 5x6mm flat-lead package. It is designed to have a very low profile and excellent thermal resistance, allowing heat to transfer efficiently from the silicon die to the PCB. * **Trench Technology:** It utilizes advanced trench technology to minimize "on-state" resistance ($R_{DS(on)}$), which reduces power loss during operation. * **Low Gate Charge:** The low $Q_G$ ensures that the MOSFET can switch on and off very quickly, making it ideal for high-frequency applications. --- ### 3. Common Applications Due to its high current handling and efficiency, the NTMFS4925NET3G is commonly found in: 1. **DC-DC Converters:** Used in point-of-load (POL) power supplies for servers and computers. 2. **Synchronous Rectification:** Replacing diodes in power supplies to increase overall efficiency. 3. **Battery Management:** Power switching and protection circuits in mobile devices or power tools. 4. **Motor Control:** Small DC motor drives and bridge circuits. --- ### 4. Logic Level Compatibility This MOSFET is a **Logic Level** device. This means it can be fully "turned on" using gate voltages typically provided by microcontrollers or logic ICs (e.g., 4.5V), though its performance is optimized at 10V. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal resistance characteristics of the SO-8FL package?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller pin?
    • ⤷ What are the recommended alternatives for higher voltage applications?