Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • NX8663JB-BC

  • AI
    ## Overview of NX8663JB-BC The **NX8663JB-BC** is a high-performance **Laser Diode Module** developed by Renesas Electronics (formerly NEC). It is specifically designed as a light source for Optical Time Domain Reflectometers (OTDR), which are used to test and characterize fiber optic networks. --- ### Key Technical Specifications The component is characterized by its high output power and specific wavelength designed for long-haul fiber testing. | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Wavelength ($\lambda_p$)** | 1625 / 1650 | nm | | **Optical Output Power ($P_f$)** | 70 - 100 | mW | | **Operating Current ($I_{op}$)** | 400 - 600 | mA | | **Threshold Current ($I_{th}$)** | 20 - 45 | mA | | **Package Type** | TO-can with fiber pigtail | - | | **Fiber Type** | Single Mode (SM) | - | --- ### Internal Electronic Components The module is more than just a light-emitting chip; it contains several integrated parts to ensure stability and functionality: 1. **InGaAsP MQW-FP Laser Diode:** The core component. It uses a Multiple Quantum Well (MQW) structure and Fabry-Perot (FP) cavity to generate high-intensity infrared light. 2. **Internal Monitor Photodiode (PD):** An integrated diode that measures the back-facet light from the laser. This allows the driving circuit to perform **Automatic Power Control (APC)** to keep the output steady despite temperature changes. 3. **Optical Fiber Pigtail:** A precision-aligned Single Mode Fiber (SMF) that captures the laser light and terminates in a connector (usually SC or FC). 4. **Hermetic Seal:** The TO-can package is filled with inert gas to prevent oxidation of the laser facet. --- ### Application and Functionality The NX8663JB-BC is primarily used in **OTDR applications**. In this context: * **Maintenance Wavelength:** The 1625nm or 1650nm wavelength is used for "in-service" testing. Because this wavelength is different from standard data wavelengths (1310nm/1550nm), it can test live fibers without interrupting data traffic. * **Pulse Operation:** This diode is optimized for pulsed operation (short bursts of high power) rather than continuous wave (CW) transmission. --- ### Safety and Handling Precautions * **ESD Sensitivity:** Like most laser diodes, this part is extremely sensitive to Electrostatic Discharge. Use grounded wrist straps and anti-static mats. * **Laser Safety:** This is a **Class 3B** or equivalent laser product. The 1625nm/1650nm beam is invisible to the human eye but can cause permanent retinal damage. Never look into the fiber end. * **Heat Sinking:** Due to the high operating current (up to 600mA), adequate heat dissipation is required to prevent "thermal runaway" and wavelength shifting.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the NX8663JB-BC TO-can package?
    • ⤷ How does the 1625nm wavelength differ from 1550nm in fiber optic testing?
    • ⤷ What type of driver circuit is recommended for pulsed OTDR laser diodes?