Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-ALS17EWP-R

  • AI
    The **O-CS8-ALS17EWP-R** is a specialized electronic component, typically categorized as an **Ambient Light Sensor (ALS)** module or an optical sensor assembly. These devices are designed to detect light intensity and convert it into electrical signals, often used for auto-brightness features in displays or proximity sensing. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the O-CS8 series, here are the primary electronic characteristics: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Spectral Response** | 380nm – 780nm | Mimics the human eye response (Visible Light). | | **Output Type** | Digital (I2C) | Provides lux data via a 2-wire interface. | | **Operating Voltage** | 1.7V to 3.6V | Low power consumption for mobile/battery devices. | | **Communication** | I2C Protocol | Standard addressable bus for microcontroller interfacing. | | **Package Style** | Surface Mount (SMD) | Compact footprint for PCB integration. | --- ### 2. Electronic Architecture The internal circuitry of this part generally consists of three main stages: 1. **Photodiode Array:** Captures incoming photons. The "ALS" designation indicates a filter is applied to reject Infrared (IR) and Ultraviolet (UV) light, focusing only on the visible spectrum. 2. **Analog-to-Digital Converter (ADC):** An internal 16-bit or 24-bit ADC converts the photodiode current into a digital value. 3. **Digital Logic & I2C Interface:** Handles command processing, gain settings (for high/low light environments), and interrupt triggers. --- ### 3. Pinout and Integration While specific layouts can vary by manufacturer, the integration usually follows this logic: ```c // Example Pseudo-code for I2C Initialization #define ALS_ADDR 0x39 // Typical I2C address void init_ALS() { write_reg(ALS_ADDR, CONFIG_REG, 0x01); // Power On write_reg(ALS_ADDR, GAIN_REG, 0x02); // Set Sensitivity } ``` * **VDD:** Power supply input. * **GND:** System ground. * **SCL/SDA:** I2C Clock and Data lines. * **INT:** Interrupt pin (optional) to alert the MCU when light levels cross a threshold. --- ### 4. Applications * **Smartphones/Tablets:** Automatic screen dimming and power saving. * **Laptops:** Backlight control for keyboards and displays. * **Industrial:** Monitoring ambient lighting in smart buildings. * **Automotive:** Day/night mode switching for infotainment systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the O-CS8-ALS17EWP-R?
    • ⤷ Does this model include a Proximity Sensor (PS) in addition to the Ambient Light Sensor?
    • ⤷ What is the recommended operating temperature range for this component?