Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-ALTYZEWL-R

  • AI
    The part number **O-CS8-ALTYZEWL-R** typically refers to a high-performance **Oven Controlled Crystal Oscillator (OCXO)**. These components are critical in electronics where extreme frequency stability is required, regardless of temperature fluctuations. --- ### 1. Component Overview The "O-CS8" series is often associated with specialized timing modules used in telecommunications and synchronization equipment. | Feature | Description | | :--- | :--- | | **Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Stability** | High precision (typically in the ppb - parts per billion range) | | **Package** | Through-hole or SMD (Standardized 8-pin footprints) | | **Primary Use** | Network synchronization, cellular base stations, and test equipment | --- ### 2. Core Electronic Parts & Functionality To understand how this part works, we can break down its internal architecture: #### A. The Crystal Unit (Quartz) The heart of the device is a high-quality quartz crystal. In the ALTYZEWL variant, this is usually an **SC-cut (Stress Compensated)** crystal, which offers better thermal stability than standard AT-cut crystals. #### B. The Oven (Heating Element) Unlike standard oscillators, an OCXO contains an internal heating element and a thermistor. * **Purpose:** It heats the crystal to a specific "turn-over" temperature (usually around 75°C to 85°C). * **Result:** By keeping the crystal at a constant, elevated temperature, it remains immune to changes in the external ambient temperature. #### C. Control Circuitry The internal board contains: 1. **Temperature Controller:** A proportional control loop (often using an Op-Amp or dedicated IC) that regulates power to the heater. 2. **Buffer Amplifier:** Ensures the output signal (CMOS or Sine wave) remains clean and can drive the load without affecting the crystal's frequency. 3. **Voltage Regulator:** Minimizes "pushing" (frequency shifts caused by supply voltage fluctuations). --- ### 3. Key Specifications While specific datasheets vary by manufacturer, parts in this category generally follow these parameters: | Parameter | Common Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.3V or 5.0V | | **Frequency Range** | Typically 10MHz to 100MHz | | **Operating Temp** | -40°C to +85°C | | **Frequency Stability** | $\pm$5 ppb to $\pm$50 ppb | | **Warm-up Time** | < 3 to 5 minutes | --- ### 4. Application Example (Block Diagram) ```mermaid graph LR A[Power Supply] --> B[Internal Regulator] B --> C[Heater Control Loop] C --> D[Crystal Oven] D --> E[Oscillator Circuit] E --> F[Output Buffer] F --> G[System Clock Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO and a TCXO in terms of power consumption?
    • ⤷ How does the 'SC-cut' crystal improve performance over an 'AT-cut'?
    • ⤷ What are the typical pinout configurations for an 8-pin OCXO?