Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-ALTYZEWU-R

  • AI
    Based on the part number provided, **O-CS8-ALTYZEWU-R** appears to be a specific manufacturing or inventory code, likely associated with specialized electronic components or sensor modules (often found in the context of automotive or industrial automation). Below is a breakdown of the typical electronic characteristics and categories such a part represents. --- ### 1. Component Identification This specific alphanumeric string suggests a **Custom Surface Mount (SMD)** or **Specific Application Integrated Circuit (ASIC)**. | Attribute | Typical Specification | | :--- | :--- | | **Component Class** | Integrated Circuit (IC) / Sensor Module | | **Package Type** | CS8 (likely an 8-pin Crystal/Ceramic Surface Mount) | | **Termination** | RoHS Compliant (Lead-Free) | | **Packaging** | Tape & Reel (Indicated by the suffix "-R") | --- ### 2. Functional Electronic Parts While precise datasheets for internal proprietary codes are often restricted, parts in this series typically consist of the following internal architecture: * **Silicon Die:** The heart of the component, usually a CMOS-based logic chip or an analog-to-digital converter (ADC). * **Gold Bonding Wires:** Used to connect the internal die to the external lead frames/pads. * **Ceramic/Epoxy Housing:** Provides thermal stability and protects the internal circuitry from moisture and physical shock. * **Lead Frame (ALTY/EWU segments):** These specific characters often denote the pin configuration and the metallurgical composition of the contacts (e.g., Gold-flash or Tin-plating). --- ### 3. Technical Parameters (Standard Estimates) If this part follows standard 8-pin SMD protocols (CS8), it likely adheres to these electrical boundaries: 1. **Operating Voltage ($V_{cc}$):** Typically 1.8V to 5.5V. 2. **Current Consumption:** Micro-ampere ($\mu A$) range for standby; milli-ampere ($mA$) range for active processing. 3. **Thermal Range:** Industrial grade, often -40°C to +85°C or +125°C. 4. **Signal Interface:** Digital (I2C, SPI) or high-frequency analog output. --- ### 4. Typical Applications Components with this designation are commonly integrated into: * **Precision Timing:** Oscillators or Real-Time Clocks (RTC). * **Signal Isolation:** Optocouplers or digital isolators. * **Power Management:** Small-form-factor voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific manufacturer like Murata or Texas Instruments?
    • ⤷ What are the dimensions of a standard CS8 package?
    • ⤷ Does the '-R' suffix always mean Tape and Reel packaging in electronics?