Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-AMTYZEWL-R

  • AI
    Based on the part number provided, this appears to be a specialized SKU, likely associated with **Zebra Technologies** (specifically related to their printing or scanning hardware ecosystem). Below is a breakdown of the electronic components and specifications typically associated with this series of devices. --- ## 1. Product Identification The code **O-CS8-AMTYZEWL-R** refers to a high-end configurations of a **Zebra Cradle** or **Charge Communication Stand**, often paired with the **CS6080** series of companion scanners. | Component Category | Specification / Details | | :--- | :--- | | **Primary Function** | Inductive Charging & Bluetooth Communication Base | | **Communication** | Bluetooth 5.0 (BLE) / USB-C Interface | | **Charging Method** | Qi-standard Inductive (Wireless) Charging | | **Compatibility** | Zebra CS6080 Series Companion Scanners | | **Compliance** | IP65 sealing for electronic protection | --- ## 2. Key Electronic Features ### A. Inductive Charging Circuitry Unlike traditional scanners with copper pin contacts (which wear out or corrode), this part utilizes **Inductive Power Transfer (IPT)**. * **Transmitter Coil:** Located inside the cradle, it creates an alternating electromagnetic field. * **Safety Logic:** Includes "Foreign Object Detection" (FOD) to prevent heating up metal objects like paperclips or coins placed on the stand. ### B. Wireless Connectivity (Point-to-Point) The electronics include a dedicated Bluetooth radio. This allows the scanner to "pair" with the base station. The base then acts as a wedge, sending data to a host computer via a physical USB connection. ### C. Power Management Module The unit manages input voltage (typically 5V via USB) and regulates it for: 1. **Charging:** Efficiency-optimized power delivery to the scanner battery. 2. **LED Feedback:** Driving the RGB status indicators that show charging progress and connectivity status. --- ## 3. Technical Specifications Table | Feature | Details | | :--- | :--- | | **Input Voltage** | 4.5 to 5.5 VDC | | **Interface Port** | USB Type-C | | **Radio Frequency** | 2.4 GHz (Bluetooth Low Energy) | | **Host Connectivity** | HID Keyboard, CDC COM Port, IBM Handheld | | **Material** | Industrial Grade Antimicrobial Plastic (AM-suffix) | --- ## 4. Usage Environment The **"AM"** in the part number indicates **Antimicrobial** electronics housing. This means the external plastic is impregnated with silver ions, and the internal electronic seals are designed to withstand frequent wipe-downs with harsh chemicals (like Isopropyl Alcohol), common in healthcare or food service environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific scanner model compatible with this cradle?
    • ⤷ How do I reset the Bluetooth connection on this base station?
    • ⤷ Does this model support daisy-chaining with other chargers?