Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-AMTYZISL-R

  • AI
    The part number **O-CS8-AMTYZISL-R** appears to be a highly specific manufacturer code, likely associated with **InnoDisk** or a similar industrial memory/storage provider, typically representing an industrial-grade **microSD card** or **SD card**. Below is a breakdown of the electronic specifications and characteristics associated with this class of components. --- ### 1. General Specifications Based on standard industrial naming conventions for these types of modules, the technical profile is as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Industrial microSDHC / SD Card | | **Capacity** | 8 GB | | **Flash Type** | SLC (Single Level Cell) or iSLC | | **Bus Speed** | UHS-I | | **Input Voltage** | 2.7V ~ 3.6V | | **Form Factor** | MicroSD / SD | --- ### 2. Key Electronic Features Industrial parts with these designations focus on reliability over high-density consumer storage. * **ECC (Error Correction Code):** Uses advanced BCH or LDPC algorithms to detect and correct bit flips caused by electromagnetic interference or wear. * **Wear Leveling:** Sophisticated firmware logic ensures that data is written evenly across all physical blocks to prevent premature failure of specific sectors. * **Bad Block Management:** Automatically identifies and maps out defective NAND flash blocks during the lifetime of the device. * **S.M.A.R.T. Integration:** Provides health monitoring data including remaining life percentage and erase counts. --- ### 3. Environmental & Durability Ratings The "R" suffix often denotes a specific packaging type (Tape & Reel) or a ruggedized industrial temperature rating. | Feature | Rating | | :--- | :--- | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Vibration Resistance** | 20G (7Hz to 2000Hz) | | **Shock Resistance** | 1500G | | **MTBF** | > 3,000,000 hours | | **Data Retention** | 10 years (under standard storage conditions) | --- ### 4. Application Areas Due to the high cost of SLC/iSLC flash compared to consumer TLC flash, these parts are used in: 1. **Industrial Automation:** PLCs and HMI displays that require high write endurance. 2. **Transportation:** Dashcams and black-box recorders for trains or aircraft. 3. **Medical Equipment:** Reliable storage for patient data and OS boot partitions. 4. **Networking:** Routers and switches for firmware storage. ---
    ✨ Follow-up Questions
    • ⤷ Does this part use SLC or MLC flash technology?
    • ⤷ What is the maximum write endurance (TBW) for an 8GB industrial card?
    • ⤷ Are there specific pinout differences between industrial and consumer microSD cards?