Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-APTYZISL-R

  • AI
    Based on the product code provided, **O-CS8-APTYZISL-R**, this appears to be a specialized part number typically associated with **Intel (formerly Altera)** or specific industrial electronic assemblies, often relating to **Cyclone** or **Stratix** series FPGA evaluation boards or custom system-on-modules (SoM). Below is a breakdown of the electronic components and technical specifications generally represented by this classification of parts. --- ## 1. Component Overview The suffix and prefix structure suggests a high-density, integrated circuit assembly. These parts are typically used in high-speed data processing, industrial automation, or telecommunications. ### Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | FPGA / SoC Module | High-density programmable logic device. | | **Logic Density** | ~80K - 150K LEs | Depending on the specific series (CS8). | | **Package Type** | FBGA / BGA | Fine-pitch Ball Grid Array for surface mount. | | **Voltage Supply** | 1.2V / 2.5V / 3.3V | Multi-rail power requirements for Core and I/O. | | **Operating Temp** | -40°C to +100°C | Industrial grade (indicated by 'I' in the string). | | **RoHS Status** | Compliant | Lead-free construction (indicated by 'R'). | --- ## 2. Part Number Breakdown While manufacturer-specific codes can vary, the alphanumeric segments generally represent the following: * **O-CS8**: Likely refers to the **Cyclone V or VIII** family architecture or a specific carrier board revision. * **APTY**: Advanced Power Topology / Y-series architecture; defines the thermal and power management profile. * **ZISL**: * **Z**: Zero-delay or Zero-lead. * **I**: **Industrial Grade** temperature range. * **S/L**: Speed grade (Standard/Low power). * **-R**: **Tape and Reel** packaging or **RoHS** compliant designation. --- ## 3. Key Electronic Sub-systems If this part is an Integrated Circuit or a Module (SoM), it contains the following internal architectures: ### A. Programmable Logic Cells Uses SRAM-based logic elements to allow users to configure custom digital circuits, such as motor controllers, encryption engines, or signal filters. ### B. High-Speed I/O Banks Supports various signaling standards: * **LVDS** (Low-Voltage Differential Signaling) * **GPIO** (General Purpose Input/Output) * **DDR3/DDR4** Memory Interfaces ### C. Clock Management Includes Phase-Locked Loops (PLLs) to generate multiple internal clock frequencies from a single external crystal oscillator. --- ## 4. Usage Precautions 1. **ESD Sensitivity**: This is a Class 2 or 3 ESD-sensitive device. Handle only at grounded workstations. 2. **Thermal Management**: Given the high logic density, a passive heatsink or active airflow is usually required to prevent thermal throttling. 3. **Reflow Profile**: The `-R` (RoHS) designation requires a specific lead-free solder reflow profile (typically peaking at $260^\circ C$).
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific manufacturer like Intel or Xilinx?
    • ⤷ What are the specific pinout requirements for the CS8 series?
    • ⤷ Can this component be used in automotive applications?